Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC153 Datasheet (PDF) - Renesas Technology Corp

HD74HC153 Datasheet PDF - Renesas Technology Corp
Part # HD74HC153
Download  HD74HC153 Download
File Size   79.71 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 4-to-1-line Data Selectors/Multiplexers

HD74HC153 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC153 Datasheet PDF - Renesas Technology Corp

Part # HD74HC153
Download  HD74HC153 Click to download

File Size   79.71 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 4-to-1-line Data Selectors/Multiplexers

HD74HC153 Datasheet (HTML) - Renesas Technology Corp


HD74HC153 Product details

Description
Information on the data inputs of each multiplexer is selected by the address on the A and B inputs, and is presented on the Y outputs. Each multiplexer possesses a strobe input which enables it when taken to a low logic level. When a high logic level is applied to a strobe input, the output of its associated multiplexer is taken low.

Features
• High Speed Operation: tpd (D to Y) = 13 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC153

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC153 HITACHI-HD74HC153 Datasheet
45Kb / 8P
Dual 4-to-1-line Data Selectors/Multiplexers
More results


Similar Description - HD74HC153

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54153 NSC-54153 Datasheet
120Kb / 6P
Dual 4-Line to 1-Line Data Selectors/Multiplexers
logo
Texas Instruments
SN54ALS352 TI-SN54ALS352 Datasheet
94Kb / 6P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Hitachi Semiconductor
HD74HC352 HITACHI-HD74HC352 Datasheet
55Kb / 10P
Dual 4-to-1-line Data Selectors/Multiplexers
logo
Renesas Technology Corp
HD74LS153 RENESAS-HD74LS153 Datasheet
82Kb / 8P
Dual 4-Line to 1-Line Data Selectors / Multiplexers
HD74HC352 RENESAS-HD74HC352 Datasheet
84Kb / 7P
Dual 4-to-1-line Data Selectors/Multiplexers
HD74HC353 RENESAS-HD74HC353 Datasheet
182Kb / 7P
Dual 4-to-1-line Data Selectors/Multiplexers
logo
Texas Instruments
SN74F352 TI1-SN74F352 Datasheet
181Kb / 5P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SNJ54HC253J TI1-SNJ54HC253J Datasheet
995Kb / 19P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54HC153 TI1-SN54HC153_15 Datasheet
1Mb / 21P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54153 TI1-SN54153_15 Datasheet
1Mb / 19P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com