Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA1630S01 Datasheet (PDF) - Renesas Technology Corp

HA1630S01 Datasheet PDF - Renesas Technology Corp
Part # HA1630S01
Download  HA1630S01 Download
File Size   545.18 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Small Low Voltage Operation CMOS Single Operational Amplifier

HA1630S01 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA1630S01 Datasheet PDF - Renesas Technology Corp

Part # HA1630S01
Download  HA1630S01 Click to download

File Size   545.18 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Small Low Voltage Operation CMOS Single Operational Amplifier

HA1630S01 Datasheet (HTML) - Renesas Technology Corp


HA1630S01 Product details

Description
The HA1630S01/02/03 are single CMOS Operational Amplifiers realizing low voltage operation, low input offset voltage and low supply current. In addition to a low operating voltage from 1.8V, these device output can achieve full swing output voltage capability extending to either supply. Available in an ultra-small CMPAK-5 package that occupies only 1/8 the area of the SOP-8 package.

Features
• Low power and single supply operation VDD = 1.8 to 5.5 V
• Low input offset voltage VIO = 4.0 mV Max
• Low supply current IDD = 15 µA Typ (HA1630S01)
                                  IDD = 50 µA Typ (HA1630S02)
                                  IDD = 100 µA Typ (HA1630S03)
• Maximum output voltage VOH = 2.9 V Min (at VDD = 3.0 V)
• Low input bias current IIB = 1 pA Typ




Similar Part No. - HA1630S01

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA1630S01 HITACHI-HA1630S01 Datasheet
215Kb / 7P
J204077_HA1630S01
logo
Renesas Technology Corp
HA1630S010203 RENESAS-HA1630S010203_15 Datasheet
595Kb / 25P
Ultra-Small Low Voltage Operation CMOS Single Operational Amplifier
More results


Similar Description - HA1630S01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1630D01 RENESAS-HA1630D01 Datasheet
452Kb / 26P
Ultra-Small Low Voltage Operation CMOS Dual Operational Amplifier
HA1630D04 RENESAS-HA1630D04 Datasheet
467Kb / 24P
Ultra-Small Low Voltage Operation CMOS Dual Operational Amplifier
HA1630Q04 RENESAS-HA1630Q04 Datasheet
458Kb / 24P
Low Voltage Operation CMOS Quad Operational Amplifier
HA1630S04 RENESAS-HA1630S04 Datasheet
476Kb / 24P
Ultra-Small Low Voltage Operation CMOS Single Operational Amplifier
HA1630S040506 RENESAS-HA1630S040506_15 Datasheet
525Kb / 25P
Ultra-Small Low Voltage Operation CMOS Single Operational Amplifier
HA1630S010203 RENESAS-HA1630S010203_15 Datasheet
595Kb / 25P
Ultra-Small Low Voltage Operation CMOS Single Operational Amplifier
HA1630Q01 RENESAS-HA1630Q01_15 Datasheet
491Kb / 26P
Low Voltage Operation CMOS Quad Operational Amplifier
HA1630Q04 RENESAS-HA1630Q04_15 Datasheet
486Kb / 26P
Low Voltage Operation CMOS Quad Operational Amplifier
HA1630D04 RENESAS-HA1630D04_15 Datasheet
502Kb / 26P
Ultra-Small Low Voltage Operation CMOS Dual Operational Amplifier
HA1630D01 RENESAS-HA1630D01_15 Datasheet
481Kb / 28P
Ultra-Small Low Voltage Operation CMOS Dual Operational Amplifier
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com