Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37906F8CFP Datasheet (PDF) - Renesas Technology Corp

M37906F8CFP Datasheet PDF - Renesas Technology Corp
Part # M37906F8CFP
Download  M37906F8CFP Download
File Size   448.1 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-BIT CMOS MICROCOMPUTER

M37906F8CFP Datasheet (PDF)

Go To PDF Page Download Datasheet
M37906F8CFP Datasheet PDF - Renesas Technology Corp

Part # M37906F8CFP
Download  M37906F8CFP Click to download

File Size   448.1 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-BIT CMOS MICROCOMPUTER

M37906F8CFP Datasheet (HTML) - Renesas Technology Corp


M37906F8CFP Product details

DESCRIPTION
These are single-chip 16-bit microcomputers designed with high-performance CMOS silicon gate technology, including the internal flash memory and being packaged in 42-pin plastic molded SSOP or shrink plastic molded DIP. These microcomputers support the 7900 Series instruction set, which are enhanced and expanded instruction set and are upper-compatible with the 7700/7751 Series instruction set.

DISTINCTIVE FEATURES
<Microcomputer mode>
• Number of basic machine instructions .................................... 203
• Memory
   Flash memory (User ROM area) ................................... 60 Kbytes
   RAM .............................................................................3072 bytes
   Flash memory (Boot ROM area) ..................................... 8 Kbytes
• Instruction execution time
   The fastest instruction at 20 MHz frequency ........................ 50 ns
• Single power supply .................................................... 5 V ± 0.5 V
• Interrupts ........... 5 external sources, 21 internal sources, 7 levels
• Multi-functional 16-bit timer ................................................. 10 + 3
   (Three-phase motor drive waveform or Pulse motor drive waveform
   output is available.)
• Serial I/O (UART or Clock synchronous) ..................................... 2
• 10-bit A-D converter ............................................ 5-channel inputs
• 8-bit D-A converter ............................................2-channel outputs
• 12-bit watchdog timer
• Programmable input/output (ports P1, P2, P5, P6, P7)............. 30

<Flash memory mode>
• Power supply voltage .................................................. 5 V ± 0.5 V
• Programming/Erase voltage ........................................ 5 V ± 0.5 V
• Programming method .................... Programming in a unit of word
• Erase method ............................................Block erase or Total erase
   M37906F8CFP, M37906F8CSP
   ............... 4 blocks (8 Kbytes ✕ 2, 16 Kbytes ✕ 1, 28 Kbytes ✕ 1)
• Programming/Erase control by software command
• Maximum number of reprograms ............................................ 100

APPLICATION
• Control devices for office equipment such as copiers and facsimiles
• Control devices for industrial equipment such as communication and measuring instruments
• Control devices for equipment, requiring motor control, such as inverter air conditioners and general-purpose inverters




Similar Part No. - M37906F8CFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37906F8CFP MITSUBISHI-M37906F8CFP Datasheet
276Kb / 34P
16-BIT CMOS MICROCOMPUTER
More results


Similar Description - M37906F8CFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37733S4BFP MITSUBISHI-M37733S4BFP Datasheet
919Kb / 36P
16-BIT CMOS MICROCOMPUTER
M37735S4BFP MITSUBISHI-M37735S4BFP Datasheet
935Kb / 36P
16-BIT CMOS MICROCOMPUTER
M37920S4CGP MITSUBISHI-M37920S4CGP Datasheet
438Kb / 39P
16 BIT CMOS MICROCOMPUTER
M37905F8CFP MITSUBISHI-M37905F8CFP Datasheet
362Kb / 34P
16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M37733S4BFP RENESAS-M37733S4BFP Datasheet
839Kb / 37P
16-BIT CMOS MICROCOMPUTER
M37733S4LHP RENESAS-M37733S4LHP Datasheet
828Kb / 37P
16-BIT CMOS MICROCOMPUTER
M37735S4BFP RENESAS-M37735S4BFP Datasheet
855Kb / 37P
16-BIT CMOS MICROCOMPUTER
M37903S4CHP RENESAS-M37903S4CHP Datasheet
192Kb / 11P
16-BIT CMOS MICROCOMPUTER
M37905M4C-XXXFP RENESAS-M37905M4C-XXXFP Datasheet
1Mb / 103P
16-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M37906F8CFP MITSUBISHI-M37906F8CFP Datasheet
276Kb / 34P
16-BIT CMOS MICROCOMPUTER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com