Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62501P Datasheet (PDF) - Renesas Technology Corp

M62501P Datasheet PDF - Renesas Technology Corp
Part # M62501P
Download  M62501P Download
File Size   150.25 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PWM IC for the Synchronized Deflection System Control

M62501P Datasheet (PDF)

Go To PDF Page Download Datasheet
M62501P Datasheet PDF - Renesas Technology Corp

Part # M62501P
Download  M62501P Click to download

File Size   150.25 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PWM IC for the Synchronized Deflection System Control

M62501P Datasheet (HTML) - Renesas Technology Corp


M62501P Product details

General Description
The M62501P/FP is a controller for a deflection system of CRT display monitors. It performs a stable PWM control over a wide fluctuation of external signals, thanks to the built-in trigger mode oscillator. The IC is suitable for an application to a high voltage drive of monitors because of its following circuits and functions;

•  low voltage malfunction protection circuit,
•  over or under voltage protection circuit for a control line,
•  soft-start function.
It is also applicable to a horizontal output correction.

Features
•  PWM output synchronized with external signals
•  Wide pulse width modulation control frequency 15 kHz to 150 kHz
•  Soft start function
•  The under voltage output malfunction protection circuit
   start VCC >9 V
   stop VCC <6 V
•  Built-in over voltage protection (OVP) and under voltage protection (UVP) control

Application
CRT display monitor




Similar Part No. - M62501P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62501P MITSUBISHI-M62501P Datasheet
96Kb / 9P
PWM IC for the synchronized deflection system control
More results


Similar Description - M62501P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62501P MITSUBISHI-M62501P Datasheet
96Kb / 9P
PWM IC for the synchronized deflection system control
M62502FP MITSUBISHI-M62502FP Datasheet
83Kb / 7P
PWM IC for the synchronized deflection system control
M62500P MITSUBISHI-M62500P Datasheet
113Kb / 11P
SYNCHRONIZATION DEFLECTION SYSTEM CONTROL PWM IC
logo
Renesas Technology Corp
M62500P RENESAS-M62500P Datasheet
3Mb / 12P
SYNCHRONIZATION DEFLECTION SYSTEM CONTROL PWM IC
logo
Rohm
BM1P065FJ ROHM-BM1P065FJ Datasheet
1Mb / 31P
PWM Control IC
BM1P066FJ ROHM-BM1P066FJ Datasheet
1Mb / 31P
PWM Control IC
BM1P067FJ ROHM-BM1P067FJ Datasheet
1Mb / 30P
PWM Control IC
BM1P068FJ ROHM-BM1P068FJ Datasheet
1Mb / 30P
PWM Control IC
BM1P107FJ ROHM-BM1P107FJ Datasheet
1Mb / 30P
PWM Control IC
logo
Mitsumi Electronics, Co...
MM3663 MITSUMI-MM3663 Datasheet
162Kb / 23P
The PWM control IC for AC-DC converter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com