Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30218 Datasheet (PDF) - Renesas Technology Corp

M30218 Datasheet PDF - Renesas Technology Corp
Part # M30218
Download  M30218 Download
File Size   2645.63 Kbytes
Page   179 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER

M30218 Datasheet (PDF)

Go To PDF Page Download Datasheet
M30218 Datasheet PDF - Renesas Technology Corp

Part # M30218
Download  M30218 Click to download

File Size   2645.63 Kbytes
Page   179 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER

M30218 Datasheet (HTML) - Renesas Technology Corp


M30218 Product details

Description

The M30218 group of single-chip microcomputers are built using the high-performance silicon gate CMOS process using a M16C/60 Series CPU core and are packaged in a 100-pin plastic molded QFP. These single-chip microcomputers operate using sophisticated instructions featuring a high level of instruction efficiency. With 1M bytes of address space, they are capable of executing instructions at high speed. They also feature a built-in multiplier and DMAC, making them ideal for controlling musical instruments, house hold appliances and other high-speed processing applications.



Features

• Basic machine instructions .............Compatible with the M16C/60 series

• Memory capacity ............................ROM / RAM (See figure memory expansion)

• Shortest instruction execution time .100ns (f(XIN)=10MHz)

• Supply voltage ................................ 4.0V to 5.5V (f(XIN)=10MHz)

                                           2.7V to 5.5V (f(XIN)=3.5MHz)(Note)

• Interrupts ........................................19 internal and 6 external interrupt sources, 4 software

• Multifunction 16-bit timer ................ Timer A X 5, Timer B X 3

• FLD conrtoller .................................total 56 pins

(high-breakdown-voltage P-channel open-drain output : 52pins)

• Serial I/O......................................... 2 channels for UART or clock synchronous,

                                         1 channels for clock synchronous

                                          (max.256 bytes automatic transfer function)

• DMAC ............................................. 2 channels (triggers: 15 sources)

• A-D converter .................................10 bits X 8 channels

• D-A converter .................................8 bits X 2 channels

• CRC calculation circuit ...................1 circuit

• Watchdog timer ..............................1 pin

• Programmable I/O ..........................48 pins

• High-breakdown-voltage output......52 pins

• Clock generating circuit .................. 2 built-in clock generation circuit

(built-in feedback resistor, and external ceramic or quartz oscillator)



Applications

Household appliances, office equipment, Audio etc.




Similar Part No. - M30218

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30218 MITSUBISHI-M30218 Datasheet
4Mb / 467P
M30218 Group
logo
Renesas Technology Corp
M30218 RENESAS-M30218 Datasheet
4Mb / 469P
16-BIT SINGLE-CHIP MICROCOMPUTER
M30218 RENESAS-M30218_01 Datasheet
4Mb / 469P
16-BIT SINGLE-CHIP MICROCOMPUTER
More results


Similar Description - M30218

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30622M6P RENESAS-M30622M6P Datasheet
831Kb / 87P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M30620MCN MITSUBISHI-M30620MCN Datasheet
3Mb / 246P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
R8C-16 RENESAS-R8C-16 Datasheet
623Kb / 38P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62A RENESAS-M16C62A Datasheet
3Mb / 242P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62N RENESAS-M16C62N Datasheet
3Mb / 213P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37702M2AXXXFP RENESAS-M37702M2AXXXFP Datasheet
751Kb / 60P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com