Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC83 Datasheet (PDF) - Renesas Technology Corp

HD74HC83 Datasheet PDF - Renesas Technology Corp
Part # HD74HC83
Download  HD74HC83 Download
File Size   102.21 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-bit Binary Full Adder (with Fast Carry)

HD74HC83 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC83 Datasheet PDF - Renesas Technology Corp

Part # HD74HC83
Download  HD74HC83 Click to download

File Size   102.21 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-bit Binary Full Adder (with Fast Carry)

HD74HC83 Datasheet (HTML) - Renesas Technology Corp


HD74HC83 Product details

Description
This improved full adder performs the addition of two 4-bit binary numbers. The sum (Σ) output are provided for each bit and the resultant carry (C4) is obtained from the fourth bit.
This adder features full internal look ahead across all four bit generating the carry term in ten nanoseconds typically.
This provides the system designer with partial look-ahead performance at the economy and reduced package count of a ripple-carry implementation.

Features
• High Speed Operation: tpd (Ai or Bi to Zi) = 16 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC83

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC83 HITACHI-HD74HC83 Datasheet
56Kb / 10P
4-Bit Binary Full Adder (with Fast Carry)
logo
Renesas Technology Corp
HD74HC83FPEL RENESAS-HD74HC83FPEL Datasheet
122Kb / 9P
4-bit Binary Full Adder (with Fast Carry)
HD74HC83RPEL RENESAS-HD74HC83RPEL Datasheet
122Kb / 9P
4-bit Binary Full Adder (with Fast Carry)
HD74HC83 RENESAS-HD74HC83_15 Datasheet
122Kb / 9P
4-bit Binary Full Adder (with Fast Carry)
More results


Similar Description - HD74HC83

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS283 MOTOROLA-SN54LS283 Datasheet
97Kb / 4P
4-BIT BINARY FULL ADDER WITH FAST CARRY
SN54LS83A MOTOROLA-SN54LS83A Datasheet
94Kb / 3P
4-BIT BINARY FULL ADDER WITH FAST CARRY
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
4-Bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283 PHILIPS-74HC283 Datasheet
61Kb / 8P
4-bit binary full adder with fast carry
December 1990
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283 Datasheet
66Kb / 6P
4-Bit Binary Full Adder with Fast Carry
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
4-bit Binary Full Adder with Fast Carry
logo
Intersil Corporation
CD54AC283 INTERSIL-CD54AC283 Datasheet
9Kb / 1P
4-Bit Binary Full Adder with Fast Carry
June 1997
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74AC283 RENESAS-HD74AC283 Datasheet
233Kb / 10P
4-bit Binary Full Adder with Fast Carry
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com