Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC107 Datasheet (PDF) - Renesas Technology Corp

HD74HC107 Datasheet PDF - Renesas Technology Corp
Part # HD74HC107
Download  HD74HC107 Download
File Size   106.53 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual J-K Flip-Flops (with Clear)

HD74HC107 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC107 Datasheet PDF - Renesas Technology Corp

Part # HD74HC107
Download  HD74HC107 Click to download

File Size   106.53 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual J-K Flip-Flops (with Clear)

HD74HC107 Datasheet (HTML) - Renesas Technology Corp


HD74HC107 Product details

Description
This flip-flop is edge sensitive to the clock input and change state on the negative going transition of the clock pulse. Each one has independent J, K, clock, and clear inputs and Q and Q outputs. Clear is independent of the clock and accomplished by a low level on the input.

Features
• High Speed Operation: tpd (Clock to Q) = 19 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 2 µA max (Ta = 25°C)




Similar Part No. - HD74HC107

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC107 HITACHI-HD74HC107 Datasheet
57Kb / 9P
Dual J-K Flip-Flops (with Clear)
logo
Renesas Technology Corp
HD74HC107FPEL RENESAS-HD74HC107FPEL Datasheet
127Kb / 10P
Dual J-K Flip-Flops (with Clear)
HD74HC107P RENESAS-HD74HC107P Datasheet
127Kb / 10P
Dual J-K Flip-Flops (with Clear)
HD74HC107RPEL RENESAS-HD74HC107RPEL Datasheet
127Kb / 10P
Dual J-K Flip-Flops (with Clear)
HD74HC107 RENESAS-HD74HC107_15 Datasheet
127Kb / 10P
Dual J-K Flip-Flops (with Clear)
More results


Similar Description - HD74HC107

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54107 TI-SN54107 Datasheet
493Kb / 12P
DUAL J-K FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74HC107 HITACHI-HD74HC107 Datasheet
57Kb / 9P
Dual J-K Flip-Flops (with Clear)
HD74HC73 HITACHI-HD74HC73 Datasheet
57Kb / 9P
Dual J-K Flip-Flops (with Clear)
HD74LS73A HITACHI-HD74LS73A Datasheet
66Kb / 6P
Dual J-K Flip-Flops(with Clear)
logo
National Semiconductor ...
MM54HC73 NSC-MM54HC73 Datasheet
140Kb / 6P
Dual J-K Flip-Flops with Clear
logo
Renesas Technology Corp
HD74LS73A RENESAS-HD74LS73A Datasheet
93Kb / 7P
Dual J-K Flip-Flops (with Clear)
HD74HC73 RENESAS-HD74HC73 Datasheet
107Kb / 8P
Dual J-K Flip-Flops (with Clear)
logo
Texas Instruments
SN74HC73D TI1-SN74HC73D Datasheet
123Kb / 4P
DUAL J-K FLIP-FLOPS WITH CLEAR
SN5473 TI1-SN5473_15 Datasheet
872Kb / 17P
DUAL J-K FLIP-FLOPS WITH CLEAR
SN54107 TI1-SN54107_15 Datasheet
841Kb / 16P
DUAL J-K FLIP-FLOPS WITH CLEAR
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com