Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC108 Datasheet (PDF) - Renesas Technology Corp

HD74HC108 Datasheet PDF - Renesas Technology Corp
Part # HD74HC108
Download  HD74HC108 Download
File Size   87.37 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)

HD74HC108 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC108 Datasheet PDF - Renesas Technology Corp

Part # HD74HC108
Download  HD74HC108 Click to download

File Size   87.37 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)

HD74HC108 Datasheet (HTML) - Renesas Technology Corp


HD74HC108 Product details

Description
This flip-flop is edge sensitive to the clock input and change state on the negative transition of the clock pulse.

Features
• High Speed Operation: tpd (Clock to Q) = 20 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 2 µA max (Ta = 25°C)




Similar Part No. - HD74HC108

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC108 HITACHI-HD74HC108 Datasheet
55Kb / 9P
Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
More results


Similar Description - HD74HC108

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC108 HITACHI-HD74HC108 Datasheet
55Kb / 9P
Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
HD74HC114 HITACHI-HD74HC114 Datasheet
49Kb / 8P
Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
HD74HC78 HITACHI-HD74HC78 Datasheet
59Kb / 10P
Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
HD74LS114 HITACHI-HD74LS114 Datasheet
77Kb / 7P
Dual J-K Negative-edge-triggered Flip-Flops(with Preset, Common Clear and Common Clock)
HD74LS78A HITACHI-HD74LS78A Datasheet
71Kb / 6P
Dual J-K Flip-Flops(with Preset, Common Clear, and Common Clock)
logo
Texas Instruments
SN54LS78A TI-SN54LS78A Datasheet
87Kb / 5P
DUAL J-K FLIP-FLOPS WITH PRESET, COMMON CLOCK, AND COMMON CLEAR
SN74H78 TI-SN74H78 Datasheet
353Kb / 8P
DUAL J-K FLIP-FLOPS WITH PRESET, COMMON CLOCK, AND COMMON CLEAR
logo
Renesas Technology Corp
HD74LS78A RENESAS-HD74LS78A Datasheet
182Kb / 7P
Dual J-K Flip-Flops (with Preset, Common Clear, and Common Clock)
HD74HC78 RENESAS-HD74HC78 Datasheet
105Kb / 7P
Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
HD74HC78 RENESAS-HD74HC78_15 Datasheet
124Kb / 9P
Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com