Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC74 Datasheet (PDF) - Renesas Technology Corp

HD74AC74 Datasheet PDF - Renesas Technology Corp
Part # HD74AC74
Download  HD74AC74 Download
File Size   121.33 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual D-Type Positive Edge-Triggered Flip-Flop

HD74AC74 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74AC74 Datasheet PDF - Renesas Technology Corp

Part # HD74AC74
Download  HD74AC74 Click to download

File Size   121.33 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual D-Type Positive Edge-Triggered Flip-Flop

HD74AC74 Datasheet (HTML) - Renesas Technology Corp


HD74AC74 Product details

Description
The HD74AC74 is a dual D-type flip-flop with Asynchronous Clear and Set inputs and complementary (Q, Q) outputs. Information at the input is transferred to the outputs on the positive edge of the clock pulse. Clock triggering occurs at a voltage level of the clock pulse and is not directly related to the transition time of the positive-going pulse. After the Clock Pulse input threshold voltage has been passed, the Data input is locked out and information present will not be transferred to the outputs until the next rising edge of the Clock Pulse input

Features
Asynchronous Inputs:
    Low input to SD (Set) sets Q to High level
    Low input to CD (Clear) sets Q to Low level
    Clear and Set are independent of clock
    Simultaneous Low on CD and SD makes both Q and Q High
• Outputs Source/Sink 24 mA




Similar Part No. - HD74AC74

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC74 HITACHI-HD74AC74 Datasheet
61Kb / 10P
Dual D-Type Positive Edge-Triggered Flip-Flop
More results


Similar Description - HD74AC74

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI-SN74AUC2G80 Datasheet
250Kb / 11P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74_05 Datasheet
111Kb / 10P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LV74A-Q1 TI1-SN74LV74A-Q1_15 Datasheet
847Kb / 15P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Motorola, Inc
MC5474F74 MOTOROLA-MC5474F74 Datasheet
67Kb / 3P
DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com