Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC113P Datasheet (PDF) - Renesas Technology Corp

HD74HC113P Datasheet PDF - Renesas Technology Corp
Part # HD74HC113P
Download  HD74HC113P Download
File Size   188.83 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual J-K Flip-Flops (with Preset)

HD74HC113P Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC113P Datasheet PDF - Renesas Technology Corp

Part # HD74HC113P
Download  HD74HC113P Click to download

File Size   188.83 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual J-K Flip-Flops (with Preset)

HD74HC113P Datasheet (HTML) - Renesas Technology Corp


HD74HC113P Product details

Description
This flip-flop is edge sensitive to the clock input and change state on the negative going transition of the clock pulse. Each one has independent J, K, clock, and preset inputs and Q and Q inputs. Preset is independent of the clock and accomplished by a low level on the input.

Features
• High Speed Operation: tpd (Clock to Q) = 18 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 2 µA max (Ta = 25°C)




Similar Part No. - HD74HC113P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC113 HITACHI-HD74HC113 Datasheet
52Kb / 8P
Dual J-K Flip-Flops (with Preset)
More results


Similar Description - HD74HC113P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC109 HITACHI-HD74HC109 Datasheet
59Kb / 9P
Dual J-K Flip-Flops (with Preset and Clear)
HD74HC113 HITACHI-HD74HC113 Datasheet
52Kb / 8P
Dual J-K Flip-Flops (with Preset)
logo
National Semiconductor ...
MM54HC76 NSC-MM54HC76 Datasheet
136Kb / 6P
Dual J-K Flip-Flops with Preset and Clear
MM54HCT109 NSC-MM54HCT109 Datasheet
123Kb / 4P
Dual J-K Flip-Flops with Preset and Clear
logo
Fairchild Semiconductor
MM74C73 FAIRCHILD-MM74C73_04 Datasheet
64Kb / 6P
Dual J-K Flip-Flops with Clear and Preset
logo
Renesas Technology Corp
HD74LS76A RENESAS-HD74LS76A Datasheet
131Kb / 7P
Dual J-K Flip-Flops (with Preset and Clear)
HD74HC76 RENESAS-HD74HC76 Datasheet
99Kb / 7P
Dual J-K Flip-Flops (with Preset and Clear)
HD74HC109 RENESAS-HD74HC109 Datasheet
111Kb / 8P
Dual J-K Flip-Flops (with Preset and Clear)
logo
Fairchild Semiconductor
74VHC112MX FAIRCHILD-74VHC112MX Datasheet
269Kb / 9P
Dual J-K Flip-Flops with Preset and Clear
logo
Texas Instruments
SN5476 TI1-SN5476_15 Datasheet
477Kb / 14P
DUAL J-K FLIP-FLOPS WITH PRESET AND CLEAR
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com