Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC125P Datasheet (PDF) - Renesas Technology Corp

HD74HC125P Datasheet PDF - Renesas Technology Corp
Part # HD74HC125P
Download  HD74HC125P Download
File Size   104.79 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad. Bus Buffer Gates (with 3-state outputs)

HD74HC125P Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC125P Datasheet PDF - Renesas Technology Corp

Part # HD74HC125P
Download  HD74HC125P Click to download

File Size   104.79 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad. Bus Buffer Gates (with 3-state outputs)

HD74HC125P Datasheet (HTML) - Renesas Technology Corp


HD74HC125P Product details

Description

The HD74HC125, HD74HC126 require the 3-state control input C to be taken high to put the output into the high impedance condition, whereas the HD74HC125, HD74HC126 requiresthe control input to be low to put the output into high impedance.



Features

•  High Speed Operation: tpd= 8 ns typ (CL= 50 pF)

•  High Output Current: Fanout of 15 LSTTL Loads

•  Wide Operating Voltage: VCC= 2 to 6 V

•  Low Input Current: 1 µA max

•  Low Quiescent Supply Current: ICC(static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC125P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC125P RENESAS-HD74HC125P Datasheet
145Kb / 11P
Quad. Bus Buffer Gates (with 3-state outputs)
More results


Similar Description - HD74HC125P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC125 HITACHI-HD74HC125 Datasheet
49Kb / 10P
Quad. Bus Buffer Gates (with 3-state outputs)
HD74LV125A HITACHI-HD74LV125A Datasheet
65Kb / 15P
Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126A HITACHI-HD74LV126A Datasheet
58Kb / 14P
Quad. Bus Buffer Gates with 3-state Outputs
HD74LVC125A HITACHI-HD74LVC125A Datasheet
40Kb / 9P
Quad. Bus Buffer Gates with 3-state Outputs
logo
Renesas Technology Corp
HD74LVC125A RENESAS-HD74LVC125A Datasheet
183Kb / 7P
Quad. Bus Buffer Gates with 3-state Outputs
HD74LV125A RENESAS-HD74LV125A Datasheet
80Kb / 10P
Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126A RENESAS-HD74LV126A Datasheet
75Kb / 10P
Quad. Bus Buffer Gates with 3-state Outputs
RD74LVC126B RENESAS-RD74LVC126B Datasheet
99Kb / 9P
Quad. Bus Buffer Gates with 3-state Outputs
HD74LV125A RENESAS-HD74LV125A_15 Datasheet
105Kb / 12P
Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126A RENESAS-HD74LV126A_15 Datasheet
100Kb / 12P
Quad. Bus Buffer Gates with 3-state Outputs
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com