Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74ALVC1G07 Datasheet (PDF) - Renesas Technology Corp

HD74ALVC1G07 Datasheet PDF - Renesas Technology Corp
Part # HD74ALVC1G07
Download  HD74ALVC1G07 Download
File Size   73.23 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Buffer / Driver with Open Drain

HD74ALVC1G07 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74ALVC1G07 Datasheet PDF - Renesas Technology Corp

Part # HD74ALVC1G07
Download  HD74ALVC1G07 Click to download

File Size   73.23 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Buffer / Driver with Open Drain

HD74ALVC1G07 Datasheet (HTML) - Renesas Technology Corp


HD74ALVC1G07 Product details

Description
The HD74ALVC1G07 has a buffer in a 5 pin package. Low voltage and high-speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption extends the battery life.

Features
• The basic gate function is lined up as Renesas uni logic series.
• Supplied on emboss taping for high-speed automatic mounting.
• Supply voltage range : 1.2 to 3.6 V
   Operating temperature range : −40 to +85°C
• All inputs VIH (Max.) = 3.6 V (@VCC = 0 V to 3.6 V)
   All outputs VO (Max.) = 3.6 V (@VCC = 0 V, Output : Z)
• Output current 2 mA (@VCC = 1.2V)
                          4 mA (@VCC = 1.4 V to 1.6 V)
                          6 mA (@VCC = 1.65 V to 1.95 V)
                         18 mA (@VCC = 2.3 V to 2.7 V)
                         24 mA (@VCC = 3.0 V to 3.6 V)




Similar Part No. - HD74ALVC1G07

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC1G07 HITACHI-HD74ALVC1G07 Datasheet
234Kb / 11P
Single Buffer / Driver with Open Drain
logo
Renesas Technology Corp
HD74ALVC1G07 RENESAS-HD74ALVC1G07_15 Datasheet
105Kb / 9P
Single Buffer / Driver with Open Drain
More results


Similar Description - HD74ALVC1G07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07 Datasheet
394Kb / 16P
SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
STMicroelectronics
74LX1G07 STMICROELECTRONICS-74LX1G07 Datasheet
114Kb / 10P
SINGLE BUFFER/DRIVER (OPEN DRAIN)
Apr-2004
logo
Hitachi Semiconductor
J205557_HD74ALVC1G07 HITACHI-J205557_HD74ALVC1G07 Datasheet
234Kb / 11P
Single Buffer / Driver with Open Drain
logo
STMicroelectronics
74LX1G07 STMICROELECTRONICS-74LX1G07_08 Datasheet
422Kb / 20P
Single buffer/driver with open drain
23-Apr-2008
logo
Renesas Technology Corp
RD74LVC1G07 RENESAS-RD74LVC1G07 Datasheet
1Mb / 7P
Single Buffer / Driver with Open Drain
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_08 Datasheet
860Kb / 18P
SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74LVC1G07_1010 DIODES-74LVC1G07_1010 Datasheet
247Kb / 13P
SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32274 Rev. 2 - 2
74LVCE1G07_1012 DIODES-74LVCE1G07_1012 Datasheet
276Kb / 13P
SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 2 - 2
logo
Renesas Technology Corp
HD74ALVC1G07 RENESAS-HD74ALVC1G07_15 Datasheet
105Kb / 9P
Single Buffer / Driver with Open Drain
logo
Texas Instruments
SN74LVC1G07 TI1-SN74LVC1G07_18 Datasheet
2Mb / 44P
Single Buffer/Driver With Open-Drain Output
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com