Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC05 Datasheet (PDF) - Renesas Technology Corp

HD74HC05 Datasheet PDF - Renesas Technology Corp
Part # HD74HC05
Download  HD74HC05 Download
File Size   61.77 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Hex Inverters (with Open Drain Outputs)

HD74HC05 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC05 Datasheet PDF - Renesas Technology Corp

Part # HD74HC05
Download  HD74HC05 Click to download

File Size   61.77 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Hex Inverters (with Open Drain Outputs)

HD74HC05 Datasheet (HTML) - Renesas Technology Corp


HD74HC05 Product details

Features
• High Speed Operation: tpd = 8 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 1 µA max (Ta = 25°C)




Similar Part No. - HD74HC05

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC05 HITACHI-HD74HC05 Datasheet
44Kb / 7P
Hex Inverters (with Open Drain Outputs)
More results


Similar Description - HD74HC05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC05 TI-SN54HC05 Datasheet
66Kb / 4P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
System Logic Semiconduc...
SL74LS05 SLS-SL74LS05 Datasheet
26Kb / 3P
Hex Inverters with Open-Drain Outputs
logo
Hitachi Semiconductor
HD74HC05 HITACHI-HD74HC05 Datasheet
44Kb / 7P
Hex Inverters (with Open Drain Outputs)
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_07 Datasheet
468Kb / 15P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
SN54LV05A TI-SN54LV05A_08 Datasheet
498Kb / 15P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A Datasheet
96Kb / 8P
Hex Inverters with Open Drain Outputs
logo
Diodes Incorporated
74LVC06A DIODES-74LVC06A Datasheet
206Kb / 10P
HEX INVERTERS WITH OPEN DRAIN OUTPUTS
Rev 4
logo
Texas Instruments
CD74AC05M96G4 TI-CD74AC05M96G4 Datasheet
849Kb / 13P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LV06A DIODES-74LV06A Datasheet
310Kb / 9P
HEX INVERTERS WITH OPEN DRAIN OUTPUTS
Rev 1
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com