Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC11 Datasheet (PDF) - Renesas Technology Corp

HD74HC11 Datasheet PDF - Renesas Technology Corp
Part # HD74HC11
Download  HD74HC11 Download
File Size   84.37 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triple 3-input AND Gates

HD74HC11 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC11 Datasheet PDF - Renesas Technology Corp

Part # HD74HC11
Download  HD74HC11 Click to download

File Size   84.37 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triple 3-input AND Gates

HD74HC11 Datasheet (HTML) - Renesas Technology Corp


HD74HC11 Product details

Features

• High Speed Operation: tpd = 9 ns typ (CL = 50 pF)

• High Output Current: Fanout of 10 LSTTL Loads

• Wide Operating Voltage: VCC = 2 to 6 V

• Low Input Current: 1 µA max

• Low Quiescent Supply Current: ICC (static) = 1 µA max (Ta = 25°C)



 




Similar Part No. - HD74HC11

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC11 HITACHI-HD74HC11 Datasheet
39Kb / 7P
Triple 3-input AND Gates
HD74HC112 HITACHI-HD74HC112 Datasheet
60Kb / 9P
Dual J-K Flip-Flops (with Preset and Clear)
logo
Renesas Technology Corp
HD74HC112 RENESAS-HD74HC112 Datasheet
102Kb / 7P
Dual J-K Flip-Flops (with Preset and Clear)
HD74HC112FPEL RENESAS-HD74HC112FPEL Datasheet
102Kb / 7P
Dual J-K Flip-Flops (with Preset and Clear)
HD74HC112P RENESAS-HD74HC112P Datasheet
102Kb / 7P
Dual J-K Flip-Flops (with Preset and Clear)
More results


Similar Description - HD74HC11

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS11 NSC-54LS11 Datasheet
120Kb / 6P
Triple 3-Input AND Gates
logo
Texas Instruments
SN54AC11 TI-SN54AC11 Datasheet
521Kb / 15P
TRIPLE 3-INPUT POSITIVE-AND GATES
logo
Hitachi Semiconductor
HD74HC11 HITACHI-HD74HC11 Datasheet
39Kb / 7P
Triple 3-input AND Gates
logo
Panasonic Semiconductor
MN4073B PANASONIC-MN4073B Datasheet
115Kb / 2P
TRIPLE 3-INPUT AND GATES
logo
Texas Instruments
SN54LV11A TI-SN54LV11A Datasheet
323Kb / 13P
TRIPLE 3-INPUT POSITIVE-AND GATES
54ACT11011 TI-54ACT11011 Datasheet
68Kb / 5P
TRIPLE 3-INPUT POSITIVE-AND GATES
SN74HC11 TI-SN74HC11_07 Datasheet
665Kb / 17P
TRIPLE 3-INPUT POSITIVE-AND GATES
SN54LV11A TI-SN54LV11A_08 Datasheet
505Kb / 15P
TRIPLE 3-INPUT POSITIVE-AND GATES
SN54AC11 TI-SN54AC11_07 Datasheet
695Kb / 17P
TRIPLE 3-INPUT POSITIVE-AND GATES
logo
Aeroflex Circuit Techno...
UT54ACS11 AEROFLEX-UT54ACS11 Datasheet
228Kb / 9P
Triple 3-Input AND Gates
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com