Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC133 Datasheet (PDF) - Renesas Technology Corp

HD74HC133 Datasheet PDF - Renesas Technology Corp
Part # HD74HC133
Download  HD74HC133 Download
File Size   91.29 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 13-input NAND Gate

HD74HC133 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC133 Datasheet PDF - Renesas Technology Corp

Part # HD74HC133
Download  HD74HC133 Click to download

File Size   91.29 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 13-input NAND Gate

HD74HC133 Datasheet (HTML) - Renesas Technology Corp


HD74HC133 Product details

Description
This device contains a single 13-input NAND gate. They perform the boolean functions in positive logic.

Features
• High Speed Operation: tpd = 12.5 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 1 µA max (Ta = 25°C)




Similar Part No. - HD74HC133

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC133 HITACHI-HD74HC133 Datasheet
52Kb / 9P
13-input NAND Gate
More results


Similar Description - HD74HC133

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F133 PHILIPS-74F133 Datasheet
51Kb / 4P
13.input NAND Gate
July 2, 1993
74HC133 PHILIPS-74HC133 Datasheet
36Kb / 5P
13-input NAND gate
September 1993
logo
STMicroelectronics
M54HC133 STMICROELECTRONICS-M54HC133 Datasheet
237Kb / 10P
13 INPUT NAND GATE
Oct-1992
logo
Fairchild Semiconductor
DM74ALS133 FAIRCHILD-DM74ALS133 Datasheet
43Kb / 4P
13-Input NAND Gate
DM74S133 FAIRCHILD-DM74S133 Datasheet
46Kb / 4P
13-Input NAND Gate
logo
National Semiconductor ...
MM74HC133 NSC-MM74HC133 Datasheet
149Kb / 4P
13-Input NAND Gate
54LS133 NSC-54LS133 Datasheet
52Kb / 2P
13-INPUT NAND GATE
logo
List of Unclassifed Man...
GD74HCT133 ETC1-GD74HCT133 Datasheet
165Kb / 4P
13-INPUT NAND GATE
logo
Toshiba Semiconductor
TC74HC133AP TOSHIBA-TC74HC133AP_07 Datasheet
219Kb / 7P
13-Input NAND Gate
logo
List of Unclassifed Man...
N74F133N602 ETC1-N74F133N602 Datasheet
85Kb / 8P
13-input NAND gate
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com