Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC164 Datasheet (PDF) - Renesas Technology Corp

HD74HC164 Datasheet PDF - Renesas Technology Corp
Part # HD74HC164
Download  HD74HC164 Download
File Size   94.21 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-bit Parallel-out Shift Register

HD74HC164 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC164 Datasheet PDF - Renesas Technology Corp

Part # HD74HC164
Download  HD74HC164 Click to download

File Size   94.21 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-bit Parallel-out Shift Register

HD74HC164 Datasheet (HTML) - Renesas Technology Corp


HD74HC164 Product details

Description

This 8-bit shift register has gated serial inputs and clear. Each register bit is a D-type master/slave flip-flop. Inputs A & B permit complete control over the incoming data. A low at either or both inputs inhibits entry of new data and resets the first flip-flop to the low level at the next clock pulse. A high level on the input enables the other input which will then determine the state of the first flip-flop. Data at the serial inputs may be changed while the clock is high or low, but only information meeting the setup and hold time requirements will be entered. Datais serially shifted in and out of the 8-bit register during the positive going transition ofthe clock pulse. Clear is independent of the clock and accomplished by a low level at the clear input.



Features

•  High Speed Operation: tpd(Clock to Q) = 14.5 ns typ (CL= 50 pF)

•  High Output Current: Fanout of 10 LSTTL Loads

•  Wide Operating Voltage: VCC= 2 to 6 V

•  Low Input Current: 1 µA max

•  Low Quiescent Supply Current: ICC(static) = 4 µA max




Similar Part No. - HD74HC164

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC164 HITACHI-HD74HC164 Datasheet
51Kb / 9P
8-bit Parallel-out Shift Register
logo
Renesas Technology Corp
HD74HC164FPEL RENESAS-HD74HC164FPEL Datasheet
145Kb / 10P
8-bit Parallel-out Shift Register
HD74HC164P RENESAS-HD74HC164P Datasheet
145Kb / 10P
8-bit Parallel-out Shift Register
HD74HC164RPEL RENESAS-HD74HC164RPEL Datasheet
145Kb / 10P
8-bit Parallel-out Shift Register
HD74HC164 RENESAS-HD74HC164_15 Datasheet
145Kb / 10P
8-bit Parallel-out Shift Register
More results


Similar Description - HD74HC164

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C164 NSC-MM54C164 Datasheet
128Kb / 6P
8-Bit Parallel-Out Serial Shift Register
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
8-bit serial-in/parallel-out shift register
1998 May 07
logo
Texas Instruments
SN74ALS164A TI-SN74ALS164A Datasheet
95Kb / 6P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
logo
Fairchild Semiconductor
MM74C164 FAIRCHILD-MM74C164 Datasheet
78Kb / 7P
8-Bit Parallel-Out Serial Shift Register
logo
Hitachi Semiconductor
HD74HC164 HITACHI-HD74HC164 Datasheet
51Kb / 9P
8-bit Parallel-out Shift Register
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
logo
Renesas Technology Corp
HD74HC164 RENESAS-HD74HC164_15 Datasheet
145Kb / 10P
8-bit Parallel-out Shift Register
logo
Texas Instruments
SN74ALS164A TI1-SN74ALS164A_14 Datasheet
665Kb / 14P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
logo
Unisonic Technologies
U74AHC164 UTC-U74AHC164_V01 Datasheet
225Kb / 5P
8-BIT SERIAL-PARALLEL-OUT SHIFT REGISTER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com