Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62720GP Datasheet (PDF) - Renesas Technology Corp

M62720GP Datasheet PDF - Renesas Technology Corp
Part # M62720GP
Download  M62720GP Download
File Size   145.91 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Voltage Detecting, System Resetting IC Series

M62720GP Datasheet (PDF)

Go To PDF Page Download Datasheet
M62720GP Datasheet PDF - Renesas Technology Corp

Part # M62720GP
Download  M62720GP Click to download

File Size   145.91 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Voltage Detecting, System Resetting IC Series

M62720GP Datasheet (HTML) - Renesas Technology Corp


M62720GP Product details

Description

The M62720GP is a voltage threshold detector designed for detection of a supply voltage and generation of a system reset pulse for almost all logic circuits such as microprocessor.

It also has extensive applications including battery checking, level detecting, and waveform shaping circuits.



Features

• Few external parts

• Low threshold operating voltage

(Supply voltage to keep low-state at low supply voltage) 0.65V (Typ.) at RL=22kΩ

• Wide supply voltage range 1.5V to 7.0V

• Wide application range

• Extra small 3-pin package (3-pin SOP)

• Built-in long delay time



Application

• Reset pulse generation for almost all logic circuits

• Battery checking, level detecting, waveform shaping circuits

• Delayed waveform generator

• Switching circuit to a back-up power supply

• DC/DC converter

• Over voltage protection circuit



Recommended Operating Condition

• Supply voltage range 1.5V to 7.0V




Similar Part No. - M62720GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62720GP MITSUBISHI-M62720GP Datasheet
20Kb / 4P
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
More results


Similar Description - M62720GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51943A MITSUBISHI-M51943A Datasheet
127Kb / 4P
VOLTAGE DETECTING,SYSTEM RESETTING IC SERIES
M62022L MITSUBISHI-M62022L Datasheet
18Kb / 2P
VOLTAGE DETECTING,SYSTEM RESETTING IC
M62032AFP MITSUBISHI-M62032AFP Datasheet
34Kb / 4P
VOLTAGE DETECTING, SYSTEM RESETTING IC
M62707ML MITSUBISHI-M62707ML Datasheet
21Kb / 3P
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
M62714ML MITSUBISHI-M62714ML Datasheet
22Kb / 3P
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
logo
Renesas Technology Corp
M51945A RENESAS-M51945A_07 Datasheet
144Kb / 11P
Voltage Detecting, System Resetting IC Series
RNA51957A RENESAS-RNA51957A Datasheet
161Kb / 13P
Voltage Detecting, System Resetting IC Series
M62781GP RENESAS-M62781GP Datasheet
145Kb / 5P
Voltage Detecting, System Resetting IC Series
RNA51943A RENESAS-RNA51943A_15 Datasheet
87Kb / 7P
Voltage Detecting, System Resetting IC Series
RNA51944A RENESAS-RNA51944A_15 Datasheet
97Kb / 8P
Voltage Detecting, System Resetting IC Series
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com