Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M64894FP Datasheet (PDF) - Renesas Technology Corp

M64894FP Datasheet PDF - Renesas Technology Corp
Part # M64894FP
Download  M64894FP Download
File Size   125.25 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Serial Input PLL Frequency Synthesizer for TV/VCR

M64894FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M64894FP Datasheet PDF - Renesas Technology Corp

Part # M64894FP
Download  M64894FP Click to download

File Size   125.25 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Serial Input PLL Frequency Synthesizer for TV/VCR

M64894FP Datasheet (HTML) - Renesas Technology Corp


M64894FP Product details

Description
The M64894 is a semiconductor integrated circuit consisting of PLL frequency synthesizer for TV/VCR using I2C BUS control. It contains the prescaler with operating up to 1.3 GHz. 4 band drivers and tuning amplifier for direct tuning. Built-in 4 band drivers.

Features
• 4 integrated PNP band drivers (IO = 40 mA, Vsat = 0.2 V Typ@VCC1 to 13.2 V)
• Built-in high-withstanding voltage tuning Amplifier
• Low power dissipation (ICC = 20 mA, VCC = 5 V)
• Built-in prescaler with input amplifier (Fmax = 1.3 GHz)
• I2C bus control (Read and write mode)
• X’tal 4 MHz is used to realize 3 type of tuning steps (Division ratio 1/512, 1/640, 1/1024)
• Built-in 5-level A/D converter
• Programmable chip address
• 16-pin small SOP/SSOP package

Function
• 2-modulus prescaler (1/32 and 1/33)
• Built-in 4 MHz crystal oscillator and reference divider
• Programmable divider (10-bit M counter, 5-bit S counter)
• Tri-state phase comparator
• Lock detector
• Band switch driver
• Op.Amp for direct tuning
• I2C bus receiver
• 5-level A/D converter

Application
   TV, VCR tuners




Similar Part No. - M64894FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64894FP MITSUBISHI-M64894FP Datasheet
48Kb / 8P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
More results


Similar Description - M64894FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64892AFP MITSUBISHI-M64892AFP Datasheet
52Kb / 8P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
M64893AFP MITSUBISHI-M64893AFP Datasheet
78Kb / 12P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
M64893FP MITSUBISHI-M64893FP Datasheet
49Kb / 7P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
M64894FP MITSUBISHI-M64894FP Datasheet
48Kb / 8P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
Serial input PLL frequency synthesizer
logo
fujitsu semiconductor
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Mitsubishi Electric Sem...
M56770 MITSUBISHI-M56770 Datasheet
379Kb / 7P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR VCR
M54939 MITSUBISHI-M54939 Datasheet
344Kb / 6P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR VCR
M64092FP MITSUBISHI-M64092FP Datasheet
282Kb / 7P
Serial input pll prequency synthesizer for TV/VCR
logo
Renesas Technology Corp
M64893AGP RENESAS-M64893AGP Datasheet
295Kb / 12P
SERIAL INPUT PLL FREQUENCY SYNTHES IZER FOR TV/VCR
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com