Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M64898GP Datasheet (PDF) - Renesas Technology Corp

M64898GP Datasheet PDF - Renesas Technology Corp
Part # M64898GP
Download  M64898GP Download
File Size   231.13 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PLL Frequency Synthesizer with DC/DC Converter For PC

M64898GP Datasheet (PDF)

Go To PDF Page Download Datasheet
M64898GP Datasheet PDF - Renesas Technology Corp

Part # M64898GP
Download  M64898GP Click to download

File Size   231.13 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PLL Frequency Synthesizer with DC/DC Converter For PC

M64898GP Datasheet (HTML) - Renesas Technology Corp


M64898GP Product details

Description
The M64898GP is a semiconductor integrated circuit consisting of PLL frequency synthesizer for TV/VCR /PC.
It contains the prescaler with operating up to 1.3 GHz, 4 band drivers and DC/DC converter for Tuning voltage.

Features
• Built-in DC/DC converter for Tuning voltage
• 4 integrated PNP band drivers (IO = 30 mA, Vsat = 0.2 V Typ.@VCC1 to 10 V)
• Built-in prescaler with input amplifier (max = 1.3 GHz)
• PLL lock/unlock status display out put (Built-in pull up resistor)
• X’tal 4 MHz is used to realize 3 type of tuning steps (Divider ratio 1/512, 1/640, 1/1024)
• Software compatible with M64892/M64893
• Automatic switching of tuning step according to the number of data bits (62.5 kHz at 18 bits, 32.25 kHz at 19 bits)
• Built-in Power on reset system
• Small package (SSOP)

Application
    PC, TV, VCR tuners




Similar Part No. - M64898GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64898GP MITSUBISHI-M64898GP Datasheet
61Kb / 8P
PLL FREQUENCY SYNTHESIZER WITH DC-DC CONVERTER FOR PC
More results


Similar Description - M64898GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64897GP MITSUBISHI-M64897GP Datasheet
60Kb / 8P
PLL FREQUENCY SYNTHESIZER WITH DC-DC CONVERTER FOR PC
M64898GP MITSUBISHI-M64898GP Datasheet
61Kb / 8P
PLL FREQUENCY SYNTHESIZER WITH DC-DC CONVERTER FOR PC
logo
Rohm
BU2611A ROHM-BU2611A Datasheet
73Kb / 4P
PLL frequency synthesizer for tuners
BU2615S ROHM-BU2615S Datasheet
143Kb / 9P
PLL frequency synthesizer for tuners
BU2616F ROHM-BU2616F Datasheet
108Kb / 5P
PLL frequency synthesizer for tuners
BU2618FV ROHM-BU2618FV Datasheet
138Kb / 8P
PLL frequency synthesizer for tuners
BU2624AF ROHM-BU2624AF Datasheet
136Kb / 9P
PLL frequency synthesizer for tuners
logo
Sanyo Semicon Device
LC7020AT SANYO-LC7020AT Datasheet
480Kb / 21P
Controller for PLL Frequency Synthesizer?
logo
Toshiba Semiconductor
TB31245FN TOSHIBA-TB31245FN Datasheet
267Kb / 8P
PLL FREQUENCY SYNTHESIZER FOR PHS
logo
Renesas Technology Corp
M64897GP RENESAS-M64897GP Datasheet
233Kb / 14P
PLL Frequency Synthesizer with DC/DC Converter for PC
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com