Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC165 Datasheet (PDF) - Renesas Technology Corp

HD74HC165 Datasheet PDF - Renesas Technology Corp
Part # HD74HC165
Download  HD74HC165 Download
File Size   94.65 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Parallel-load 8-bit Shift Register

HD74HC165 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC165 Datasheet PDF - Renesas Technology Corp

Part # HD74HC165
Download  HD74HC165 Click to download

File Size   94.65 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Parallel-load 8-bit Shift Register

HD74HC165 Datasheet (HTML) - Renesas Technology Corp


HD74HC165 Product details

Description

This 8-bit serial shift register shifts data from QAto QHwhen clocked. Parallel inputs to each stage are enabled by a low level at the Shift/Load input. Also included is a gated clock input and a complementary output from the eighth bit.



Features

•  High Speed Operation: tpd(Clock to QH) = 21 ns typ (CL= 50 pF)

•  High Output Current: Fanout of 10 LSTTL Loads

•  Wide Operating Voltage: VCC= 2 to 6 V

•  Low Input Current: 1 µA max

•  Low Quiescent Supply Current: ICC(static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC165

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC165 HITACHI-HD74HC165 Datasheet
47Kb / 9P
Parallel-load 8-bit Shift Register
logo
Renesas Technology Corp
HD74HC165FPEL RENESAS-HD74HC165FPEL Datasheet
115Kb / 10P
Parallel-load 8-bit Shift Register
HD74HC165P RENESAS-HD74HC165P Datasheet
115Kb / 10P
Parallel-load 8-bit Shift Register
HD74HC165 RENESAS-HD74HC165_15 Datasheet
115Kb / 10P
Parallel-load 8-bit Shift Register
More results


Similar Description - HD74HC165

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC166 HITACHI-HD74HC166 Datasheet
57Kb / 10P
Parallel-load 8-bit Shift Register
HD74LV165A HITACHI-HD74LV165A Datasheet
75Kb / 17P
Parallel-Load 8-bit Shift Register
HD74LV166A HITACHI-HD74LV166A Datasheet
73Kb / 16P
Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_08 Datasheet
646Kb / 16P
PARALLEL-LOAD 8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A Datasheet
88Kb / 10P
Parallel-Load 8-bit Shift Register
HD74LV166A RENESAS-HD74LV166A_10 Datasheet
108Kb / 10P
Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74HC166A-Q1 TI1-SN74HC166A-Q1 Datasheet
620Kb / 16P
8-BIT PARALLEL-LOAD SHIFT REGISTER
SN74HC166A-EP TI1-SN74HC166A-EP Datasheet
384Kb / 13P
8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Unisonic Technologies
U74HC165 UTC-U74HC165_15 Datasheet
276Kb / 7P
8-BIT PARALLEL-LOAD SHIFT REGISTER
U74HCT165 UTC-U74HCT165_15 Datasheet
259Kb / 8P
8-BIT PARALLEL-LOAD SHIFT REGISTER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com