Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC173 Datasheet (PDF) - Renesas Technology Corp

HD74HC173 Datasheet PDF - Renesas Technology Corp
Part # HD74HC173
Download  HD74HC173 Download
File Size   113.49 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-bit D-type Register (with 3-state outputs)

HD74HC173 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC173 Datasheet PDF - Renesas Technology Corp

Part # HD74HC173
Download  HD74HC173 Click to download

File Size   113.49 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-bit D-type Register (with 3-state outputs)

HD74HC173 Datasheet (HTML) - Renesas Technology Corp


HD74HC173 Product details

Description
The four D type Flip-Flops operate synchronously from a common clock. The 3-state outputs allow the device to be used in bus organized systems. The outputs are placed in the 3-stage mode when either of the output disable pins are in the logic high level.
The input disable allows the flip-flops to remain in their present states without having to disrupt the clock. If either of the 2 input disables are taken to a logic high level, the Q outputs are fed back to the inputs, forcing the flip-flops to remain in the same state. Clearing is enabled by taking the clear input to a logic high level. The data outputs change state on the positive going edge of the clock.

Features
• High Speed Operation: tpd (Clock to Q) = 14 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC173

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC173 HITACHI-HD74HC173 Datasheet
56Kb / 9P
4-bit D-type Register (with 3-state Outputs)
More results


Similar Description - HD74HC173

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS173A MOTOROLA-SN54LS173A Datasheet
207Kb / 6P
4-BIT D-TYPE REGISTER WITH 3-STATE OUTPUTS
SN54LS395 MOTOROLA-SN54LS395 Datasheet
196Kb / 6P
4-BIT SHIFT REGISTER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC14076B ONSEMI-MC14076B Datasheet
181Kb / 8P
4-Bit D-Type Register with Three-State Outputs
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF4076B PHILIPS-HEF4076B Datasheet
70Kb / 7P
Quadruple D-type register with 3-state outputs
January 1995
logo
Texas Instruments
SN54173 TI-SN54173 Datasheet
562Kb / 19P
4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC173 HITACHI-HD74HC173 Datasheet
56Kb / 9P
4-bit D-type Register (with 3-state Outputs)
logo
ON Semiconductor
MC14076B ONSEMI-MC14076B_05 Datasheet
94Kb / 8P
4-Bit D-Type Register with Three-State Outputs
February, 2005 ??Rev. 5
logo
Texas Instruments
CY74FCT2574T TI1-CY74FCT2574T Datasheet
653Kb / 15P
8-BIT REGISTER WITH 3-STATE OUTPUTS
SN54173 TI1-SN54173_15 Datasheet
497Kb / 20P
4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC14076B ONSEMI-MC14076B_14 Datasheet
112Kb / 7P
4-Bit D-Type Register with Three-State Outputs
August, 2014 ??Rev. 8
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com