Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC182 Datasheet (PDF) - Renesas Technology Corp

HD74HC182 Datasheet PDF - Renesas Technology Corp
Part # HD74HC182
Download  HD74HC182 Download
File Size   166.15 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Look-Ahead Carry Generator

HD74HC182 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC182 Datasheet PDF - Renesas Technology Corp

Part # HD74HC182
Download  HD74HC182 Click to download

File Size   166.15 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Look-Ahead Carry Generator

HD74HC182 Datasheet (HTML) - Renesas Technology Corp


HD74HC182 Product details

Description
The HD74HC182 is a high-speed Carry Lockahead Generator. It is used with the HD74HC181 4-Bit Arithmetic Logic Unit to provide high-speed lockahead over World lengths of more than four bits.

Features
• High Speed Operation: tpd (Pn to P) = 11 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC182

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC182 HITACHI-HD74HC182 Datasheet
56Kb / 9P
Look-Ahead Carry Generator
More results


Similar Description - HD74HC182

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F182 PHILIPS-74F182 Datasheet
56Kb / 6P
Look-ahead carry generator
1991 Apr 15 2 853
74HC182 PHILIPS-74HC182 Datasheet
68Kb / 9P
Look-ahead carry generator
December 1990
logo
STMicroelectronics
HCC40182B STMICROELECTRONICS-HCC40182B Datasheet
282Kb / 12P
LOOK-AHEAD CARRY GENERATOR
Jun-1989
M54HC182 STMICROELECTRONICS-M54HC182 Datasheet
260Kb / 12P
FUNCTION LOOK AHEAD CARRY GENERATOR
Mar-1993
logo
Fairchild Semiconductor
DM74S182 FAIRCHILD-DM74S182 Datasheet
53Kb / 5P
Look-Ahead Carry Generator
logo
Hitachi Semiconductor
HD74HC182 HITACHI-HD74HC182 Datasheet
56Kb / 9P
Look-Ahead Carry Generator
logo
Intersil Corporation
CD40182BMS INTERSIL-CD40182BMS Datasheet
140Kb / 9P
CMOS Look-Ahead Carry Generator
December 1992
logo
NXP Semiconductors
100179 PHILIPS-100179 Datasheet
328Kb / 7P
Carry Look-Ahead Generator
June 14 1990
logo
Motorola, Inc
MC145828B MOTOROLA-MC145828B Datasheet
106Kb / 6P
LOOK-AHEAD CARRY BLOCK
logo
National Semiconductor ...
DM74AS282 NSC-DM74AS282 Datasheet
316Kb / 5P
Look-Ahead Carry Generator With Selectable Carry Inputs
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com