Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC190 Datasheet (PDF) - Renesas Technology Corp

HD74HC190 Datasheet PDF - Renesas Technology Corp
Part # HD74HC190
Download  HD74HC190 Download
File Size   150.18 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Synchronous Up/Down Decade Counter (Single Clock Line)

HD74HC190 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC190 Datasheet PDF - Renesas Technology Corp

Part # HD74HC190
Download  HD74HC190 Click to download

File Size   150.18 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Synchronous Up/Down Decade Counter (Single Clock Line)

HD74HC190 Datasheet (HTML) - Renesas Technology Corp


HD74HC190 Product details

Description
The HD74HC190 is a 4-bit decade counter and the HD74HC191 is a 4-bit binary counter. Synchronous counting operation is provided by having all flip-flops clocked simultaneously so that the outputs change coincident with each other when so instructed by the steering logic. This mode of operation eliminates the output counting spikes normally associated with asynchronous (ripple clock) counters.

Features
• High Speed Operation: tpd (Clock to Q) = 22 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC190

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC190 HITACHI-HD74HC190 Datasheet
75Kb / 13P
Synchronous Up/Down Decade,4-bit Binary Counter(Single Clock Line)
More results


Similar Description - HD74HC190

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4029B PHILIPS-HEF4029B Datasheet
188Kb / 14P
Synchronous up/down counter, binary/decade counter
January 1995
logo
Hitachi Semiconductor
HD74HC190 HITACHI-HD74HC190 Datasheet
75Kb / 13P
Synchronous Up/Down Decade,4-bit Binary Counter(Single Clock Line)
HD74HC192 HITACHI-HD74HC192 Datasheet
74Kb / 13P
Synchronous Up/Down Decade,4-bit Binary Counter(Dual Clock Line)
HD74LS190 HITACHI-HD74LS190 Datasheet
104Kb / 7P
Synchronous Up/Down Decade Counters(single clock line)
logo
STMicroelectronics
M74HC192 STMICROELECTRONICS-M74HC192 Datasheet
560Kb / 14P
SYNCHRONOUS UP/DOWN DECADE COUNTER
Jul-2001
logo
Renesas Technology Corp
HD74LS190 RENESAS-HD74LS190 Datasheet
198Kb / 11P
Synchronous Up / Down Decade Counter (signal clock line)
HD74LS192 RENESAS-HD74LS192 Datasheet
98Kb / 11P
Synchronous Up / Down Decade Counter (dual clock lines)
HD74LS193 RENESAS-HD74LS193 Datasheet
107Kb / 12P
Synchronous Up / Down Decade Counter (dual clock lines)
HD74HC192 RENESAS-HD74HC192 Datasheet
151Kb / 14P
Synchronous Up/Down Decade Counter (Dual Clock Lines)
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com