Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC195 Datasheet (PDF) - Renesas Technology Corp

HD74HC195 Datasheet PDF - Renesas Technology Corp
Part # HD74HC195
Download  HD74HC195 Download
File Size   189.66 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-bit Parallel-Access Shift Register

HD74HC195 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC195 Datasheet PDF - Renesas Technology Corp

Part # HD74HC195
Download  HD74HC195 Click to download

File Size   189.66 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-bit Parallel-Access Shift Register

HD74HC195 Datasheet (HTML) - Renesas Technology Corp


HD74HC195 Product details

Description
This shift register features parallel inputs, parallel outputs, J-K serial inputs, Shift/Load control input, and a direct overriding clear. This shift register can operate in two modes: Parallel load; shift from QA towards QD.

Features
• High Speed Operation: tpd (Clock to Q) = 13 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC195

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC195 HITACHI-HD74HC195 Datasheet
50Kb / 9P
4-bit Parallel-Access Shift Register
More results


Similar Description - HD74HC195

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F195A PHILIPS-74F195A Datasheet
74Kb / 10P
4-bit parallel-access shift register
1996 Mar 12
74F199 PHILIPS-74F199 Datasheet
68Kb / 8P
8-bit parallel-access shift register
June 15, 1988
74HC195 PHILIPS-74HC195 Datasheet
67Kb / 9P
4-bit parallel access shift register
December 1990
logo
Hitachi Semiconductor
HD74AC195 HITACHI-HD74AC195 Datasheet
67Kb / 11P
4-bit Parallel-Access Shift Register
HD74HC195 HITACHI-HD74HC195 Datasheet
50Kb / 9P
4-bit Parallel-Access Shift Register
HD74HC95 HITACHI-HD74HC95 Datasheet
44Kb / 8P
4-bit Parallel Access Shift Register
logo
Motorola, Inc
MC74F195 MOTOROLA-MC74F195 Datasheet
91Kb / 4P
4-BIT PARALLEL ACCESS SHIFT REGISTER
logo
Renesas Technology Corp
HD74LS195A RENESAS-HD74LS195A Datasheet
188Kb / 8P
4-bit Parallel-Access Shift Register
HD74LS95B RENESAS-HD74LS95B Datasheet
180Kb / 7P
4-bit Parallel Access Shift Register
HD74AC195 RENESAS-HD74AC195 Datasheet
217Kb / 8P
4-bit Parallel-Access Shift Register
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com