Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC221 Datasheet (PDF) - Renesas Technology Corp

HD74HC221 Datasheet PDF - Renesas Technology Corp
Part # HD74HC221
Download  HD74HC221 Download
File Size   103.46 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Monostable Multivibrators (with Schmitt Trigger Input)

HD74HC221 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC221 Datasheet PDF - Renesas Technology Corp

Part # HD74HC221
Download  HD74HC221 Click to download

File Size   103.46 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Monostable Multivibrators (with Schmitt Trigger Input)

HD74HC221 Datasheet (HTML) - Renesas Technology Corp


HD74HC221 Product details

Description

Each multivibrator features both a negative, A, and a positive, B, transition triggered input, either of which can be used as an inhibit. Also included is a clear input that when taken low resets the one shot. The HD74HC221 can be triggered on the positive transition of the clear while A is held low and B is held high. This device is a non-retriggerable, and therefore cannot be retriggered until the output pulse times out. The output pulse equation is simply: tW = 0.7·(Rext)·(Cext)



Features

• High Speed Operation

• High Output Current: Fanout of 10 LSTTL Loads

• Wide Operating Voltage: VCC = 2 to 6 V

• Low Input Current: 1 µA max

• Low Quiescent Supply Current




Similar Part No. - HD74HC221

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC221 HITACHI-HD74HC221 Datasheet
53Kb / 8P
Dual Monostable Multivibrators (with Schmitt Trigger Input)
More results


Similar Description - HD74HC221

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS221 MOTOROLA-SN54LS221 Datasheet
193Kb / 7P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN54221 TI-SN54221 Datasheet
208Kb / 23P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Hitachi Semiconductor
HD74HC221 HITACHI-HD74HC221 Datasheet
53Kb / 8P
Dual Monostable Multivibrators (with Schmitt Trigger Input)
logo
Texas Instruments
SN74LV221A TI-SN74LV221A Datasheet
436Kb / 19P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
SN54LV221A TI-SN54LV221A Datasheet
443Kb / 19P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54221 TI-SN54221_07 Datasheet
761Kb / 25P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A_07 Datasheet
577Kb / 22P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A_08 Datasheet
718Kb / 23P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LS221J TI1-SN74LS221J Datasheet
963Kb / 27P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUT
SN74221J TI-SN74221J Datasheet
963Kb / 27P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com