Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC237 Datasheet (PDF) - Renesas Technology Corp

HD74HC237 Datasheet PDF - Renesas Technology Corp
Part # HD74HC237
Download  HD74HC237 Download
File Size   72.85 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3-to-8-line Decoder/Demultiplexer with Address Latch

HD74HC237 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC237 Datasheet PDF - Renesas Technology Corp

Part # HD74HC237
Download  HD74HC237 Click to download

File Size   72.85 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3-to-8-line Decoder/Demultiplexer with Address Latch

HD74HC237 Datasheet (HTML) - Renesas Technology Corp


HD74HC237 Product details

Description
The HD74HC237 decodes a three-bit Address to one-of-eight active-high outputs. The device has a transparent latch for storage of the Address. Two Chip Selects, one active-low and one active-high, are provided to facilitate the demultiplexing, cascading, and chip-selecting functions.

Features
• High Speed Operation: tpd (Data to Y) = 19 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC237

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC237 HITACHI-HD74HC237 Datasheet
57Kb / 9P
3-to-8-line Decoder/Demultiplexer with Address Latch
More results


Similar Description - HD74HC237

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC137 HITACHI-HD74HC137 Datasheet
60Kb / 10P
3-to-8-line Decoder/Demultiplexer with Address Latch
HD74HC237 HITACHI-HD74HC237 Datasheet
57Kb / 9P
3-to-8-line Decoder/Demultiplexer with Address Latch
HD74HCT137 HITACHI-HD74HCT137 Datasheet
56Kb / 8P
3-to-8-line Decoder/Demultiplexer with Address Latch
HD74HCT237 HITACHI-HD74HCT237 Datasheet
57Kb / 8P
3-to-8-line Decoder/Demultiplexer with Address Latch
logo
Texas Instruments
SN74LVC137A TI-SN74LVC137A Datasheet
127Kb / 8P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH ADDRESS LATCHES
logo
Renesas Technology Corp
HD74HCT137 RENESAS-HD74HCT137 Datasheet
197Kb / 8P
3-to-8-line Decoder/Demultiplexer with Address Latch
HD74HCT237 RENESAS-HD74HCT237 Datasheet
195Kb / 8P
3-to-8-line Decoder/Demultiplexer with Address Latch
HD74HC137 RENESAS-HD74HC137 Datasheet
117Kb / 10P
3-to-8-line Decoder/Demultiplexer with Address Latch
HD74HC138 RENESAS-HD74HC138_15 Datasheet
140Kb / 10P
3-to-8-line Decoder/Demultiplexer with Address Latch
logo
NXP Semiconductors
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com