Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC238 Datasheet (PDF) - Renesas Technology Corp

HD74HC238 Datasheet PDF - Renesas Technology Corp
Part # HD74HC238
Download  HD74HC238 Download
File Size   99.48 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3-to-8-line Decoder/Demultiplexer

HD74HC238 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC238 Datasheet PDF - Renesas Technology Corp

Part # HD74HC238
Download  HD74HC238 Click to download

File Size   99.48 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3-to-8-line Decoder/Demultiplexer

HD74HC238 Datasheet (HTML) - Renesas Technology Corp


HD74HC238 Product details

Description
The HD74HC238 has 3 binary select inputs (A, B and C). If the device is enabled these inputs determine which one of the eight normally high outputs will go low. Two active low and one active high enables (G1, G2A and G2B) are provided to ease the cascading of decoders.

Features
• High Speed Operation: tpd (Data to Y) = 15 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC238

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC238 HITACHI-HD74HC238 Datasheet
51Kb / 9P
3-to-8-line Decoder/Demultiplexer
logo
Renesas Technology Corp
HD74HC238FPEL RENESAS-HD74HC238FPEL Datasheet
120Kb / 9P
3-to-8-line Decoder/Demultiplexer
HD74HC238P RENESAS-HD74HC238P Datasheet
120Kb / 9P
3-to-8-line Decoder/Demultiplexer
HD74HC238RPEL RENESAS-HD74HC238RPEL Datasheet
120Kb / 9P
3-to-8-line Decoder/Demultiplexer
HD74HC238 RENESAS-HD74HC238_15 Datasheet
120Kb / 9P
3-to-8-line Decoder/Demultiplexer
More results


Similar Description - HD74HC238

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC138 HITACHI-HD74LVC138 Datasheet
37Kb / 8P
3-to-8-line Decoder / Demultiplexer
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
74ACT11238 TI-74ACT11238 Datasheet
96Kb / 7P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74LVC138 RENESAS-HD74LVC138 Datasheet
178Kb / 6P
3-to-8-line Decoder / Demultiplexer
HD74HC138 RENESAS-HD74HC138 Datasheet
67Kb / 9P
3-to-8-line Decoder/Demultiplexer
logo
Texas Instruments
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74LV138A RENESAS-HD74LV138A_15 Datasheet
118Kb / 9P
3-to-8-line Decoder / Demultiplexer
logo
Texas Instruments
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT_15 Datasheet
984Kb / 19P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN54HCT138 TI1-SN54HCT138_16 Datasheet
1Mb / 20P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com