Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC679 Datasheet (PDF) - Renesas Technology Corp

HD74HC679 Datasheet PDF - Renesas Technology Corp
Part # HD74HC679
Download  HD74HC679 Download
File Size   96.29 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12-bit Address Comparator

HD74HC679 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC679 Datasheet PDF - Renesas Technology Corp

Part # HD74HC679
Download  HD74HC679 Click to download

File Size   96.29 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12-bit Address Comparator

HD74HC679 Datasheet (HTML) - Renesas Technology Corp


HD74HC679 Product details

Description
The HD74HC679 address comparator simplifies addressing of memory boards and/or other peripheral devices.

Features
• High Speed Operation: tpd (A to Y) = 18 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC679

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC679 HITACHI-HD74HC679 Datasheet
67Kb / 10P
12-bit Address Comparator
More results


Similar Description - HD74HC679

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS679 TI-SN74ALS679 Datasheet
117Kb / 7P
12-BIT ADDRESS COMPARATOR
logo
Hitachi Semiconductor
HD74HC677 HITACHI-HD74HC677 Datasheet
52Kb / 8P
16-bit Address Comparator
HD74HC678 HITACHI-HD74HC678 Datasheet
50Kb / 8P
16-bit Address Comparator
HD74HC679 HITACHI-HD74HC679 Datasheet
67Kb / 10P
12-bit Address Comparator
HD74HC680 HITACHI-HD74HC680 Datasheet
62Kb / 10P
12-bit Address Comparator
logo
Texas Instruments
SN74ALS678 TI-SN74ALS678 Datasheet
302Kb / 7P
16-BIT ADDRESS COMAPARATORS
SN74ALS680 TI-SN74ALS680 Datasheet
279Kb / 6P
12-BIT ADDRESS COMPARATORS
logo
Radiometrix Ltd
CONTROL124 RADIOMETRIX-CONTROL124 Datasheet
553Kb / 7P
4 bit Address - 12 bit Data encoder/decoder
logo
Renesas Technology Corp
HD74HC680 RENESAS-HD74HC680 Datasheet
102Kb / 7P
12-bit Address Comparator
logo
Texas Instruments
SN74ALS677A TI1-SN74ALS677A Datasheet
130Kb / 7P
16-BIT ADDRESS COMPARATOR
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com