Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HCT1G04 Datasheet (PDF) - Renesas Technology Corp

HD74HCT1G04 Datasheet PDF - Renesas Technology Corp
Part # HD74HCT1G04
Download  HD74HCT1G04 Download
File Size   54.87 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Inverter

HD74HCT1G04 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HCT1G04 Datasheet PDF - Renesas Technology Corp

Part # HD74HCT1G04
Download  HD74HCT1G04 Click to download

File Size   54.87 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Inverter

HD74HCT1G04 Datasheet (HTML) - Renesas Technology Corp


HD74HCT1G04 Product details

Description
The HD74HCT1G04 is high-speed CMOS inverter using silicon gate CMOS process. With CMOS low power dissipation, it provides high-speed equivalent to LS–TTL series. The internal circuit of three stages construction with buffer provides wide noise margin and stable output.

Features
• The basic gate function is lined up as Renesas uni logic series.
• Supplied on emboss taping for high-speed automatic mounting.
• TTL compatible input level.
    Supply voltage range : 4.5 to 5.5 V
    Operating temperature range : –40 to +85°C
• |IOH| = IOL = 2 mA (min)




Similar Part No. - HD74HCT1G04

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT1G04 HITACHI-HD74HCT1G04 Datasheet
40Kb / 8P
High speed CMOS inverter using silicon gate CMOS process
More results


Similar Description - HD74HCT1G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
INVERTER
logo
Toshiba Semiconductor
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
INVERTER
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
Inverter
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
INVERTER
logo
Renesas Technology Corp
RJP1CS04DWA RENESAS-RJP1CS04DWA_15 Datasheet
114Kb / 4P
Inverter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com