Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC253 Datasheet (PDF) - Renesas Technology Corp

HD74HC253 Datasheet PDF - Renesas Technology Corp
Part # HD74HC253
Download  HD74HC253 Download
File Size   86.31 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 4-to-1-line Data Selectors/Multiplexers (with 3-state outputs)

HD74HC253 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC253 Datasheet PDF - Renesas Technology Corp

Part # HD74HC253
Download  HD74HC253 Click to download

File Size   86.31 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 4-to-1-line Data Selectors/Multiplexers (with 3-state outputs)

HD74HC253 Datasheet (HTML) - Renesas Technology Corp


HD74HC253 Product details

Description
The large output drive and 3-state features of this device make it ideally suited for interfacing with bus lines in bus organized systems. When the output control input is taken high, the multiplexer outputs are sent into a high impedance state.

Features
• High Speed Operation: tpd (Data to Y) = 18 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC253

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC253 HITACHI-HD74HC253 Datasheet
33Kb / 6P
Dual 4-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
More results


Similar Description - HD74HC253

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS253 TI-SN54ALS253 Datasheet
112Kb / 7P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F253 TI-SN54F253 Datasheet
97Kb / 7P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC253 TI-SN54HC253 Datasheet
122Kb / 8P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54LS253 TI-SN54LS253 Datasheet
635Kb / 14P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC253 HITACHI-HD74HC253 Datasheet
33Kb / 6P
Dual 4-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
HD74HC353 HITACHI-HD74HC353 Datasheet
50Kb / 9P
Dual 4-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
HD74LS253 HITACHI-HD74LS253 Datasheet
73Kb / 7P
Dual 4-line-to-1-line Data Selectors/Multiplexers(with three-state outputs)
logo
Texas Instruments
SN54LS353 TI-SN54LS353 Datasheet
145Kb / 4P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LS253 RENESAS-HD74LS253 Datasheet
176Kb / 6P
Dual 4-line-to-1-line Data Selectors / Multiplexers (with three-state outputs)
logo
Texas Instruments
74ACT11353 TI1-74ACT11353 Datasheet
104Kb / 7P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com