Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC273 Datasheet (PDF) - Renesas Technology Corp

HD74HC273 Datasheet PDF - Renesas Technology Corp
Part # HD74HC273
Download  HD74HC273 Download
File Size   71.48 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal D-type Flip-Flops (with Clear)

HD74HC273 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC273 Datasheet PDF - Renesas Technology Corp

Part # HD74HC273
Download  HD74HC273 Click to download

File Size   71.48 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal D-type Flip-Flops (with Clear)

HD74HC273 Datasheet (HTML) - Renesas Technology Corp


HD74HC273 Product details

Description

This device contains 8 master-slave flip-flops with a common clock and common clear. Data on the D input having the specified setup and hold times is transferred to the Q output on the low to high transition of the clock input. The clear input when low, sets all outputs to a low state.



Features

•  High Speed Operation: tpd(Clock to Q) = 18 ns typ (CL= 50 pF)

•  High Output Current: Fanout of 10 LSTTL Loads

•  Wide Operating Voltage: VCC= 2 to 6 V

•  Low Input Current: 1 µA max

•  Low Quiescent Supply Current: ICC(static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC273

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC273 HITACHI-HD74HC273 Datasheet
56Kb / 10P
Octal D-type Flip-Flops (with Clear)
logo
Renesas Technology Corp
HD74HC273FPEL RENESAS-HD74HC273FPEL Datasheet
152Kb / 10P
Octal D-type Flip-Flops (with Clear)
HD74HC273P RENESAS-HD74HC273P Datasheet
152Kb / 10P
Octal D-type Flip-Flops (with Clear)
HD74HC273RPEL RENESAS-HD74HC273RPEL Datasheet
152Kb / 10P
Octal D-type Flip-Flops (with Clear)
HD74HC273TELL RENESAS-HD74HC273TELL Datasheet
152Kb / 10P
Octal D-type Flip-Flops (with Clear)
More results


Similar Description - HD74HC273

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
95Kb / 7P
Octal D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV273 TI-SN54LV273 Datasheet
137Kb / 7P
OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Renesas Technology Corp
RD74LVC273B RENESAS-RD74LVC273B Datasheet
81Kb / 9P
Octal D-type Flip-Flops with Clear
logo
Texas Instruments
1446753 TI-1446753 Datasheet
592Kb / 16P
OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI1-SN54AHC273_15 Datasheet
1Mb / 30P
Octal D-Type Flip-Flops With Clear
SN54HC273 TI1-SN54HC273_16 Datasheet
1Mb / 32P
Octal D-Type Flip-Flops With Clear
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com