Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC365 Datasheet (PDF) - Renesas Technology Corp

HD74HC365 Datasheet PDF - Renesas Technology Corp
Part # HD74HC365
Download  HD74HC365 Download
File Size   91.48 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Hex Bus Drivers (with 3-state outputs)

HD74HC365 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC365 Datasheet PDF - Renesas Technology Corp

Part # HD74HC365
Download  HD74HC365 Click to download

File Size   91.48 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Hex Bus Drivers (with 3-state outputs)

HD74HC365 Datasheet (HTML) - Renesas Technology Corp


HD74HC365 Product details

Features
• High Speed Operation: tpd (A to Y) = 9 ns typ (CL = 50 pF)
• High Output Current: Fanout of 15 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC365

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC365 HITACHI-HD74HC365 Datasheet
44Kb / 8P
Hex Bus Drivers (with 3-state outputs)
More results


Similar Description - HD74HC365

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC365 HITACHI-HD74HC365 Datasheet
44Kb / 8P
Hex Bus Drivers (with 3-state outputs)
HD74HC366 HITACHI-HD74HC366 Datasheet
45Kb / 8P
Hex Bus Drivers (with 3-state outputs)
HD74HC367 HITACHI-HD74HC367 Datasheet
46Kb / 8P
Hex Bus Drivers (noninverted Data Outputs with 3-state outputs)
HD74HC368 HITACHI-HD74HC368 Datasheet
46Kb / 8P
Hex Bus Drivers (inverted Data Outputs with 3-state outputs)
logo
Texas Instruments
SN54HC366 TI-SN54HC366 Datasheet
696Kb / 21P
HEX BUS DRIVERS WITH 3-STATE OUTPUTS
SN54365A TI-SN54365A_08 Datasheet
835Kb / 24P
HEX BUS DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC366 RENESAS-HD74HC366 Datasheet
90Kb / 7P
Hex Bus Drivers (with 3-state outputs)
HD74HC367 RENESAS-HD74HC367 Datasheet
91Kb / 7P
Hex Bus Drivers (Noninverted Data Outputs with 3-state outputs)
HD74HC368 RENESAS-HD74HC368 Datasheet
91Kb / 7P
Hex Bus Drivers (Inverted Data Outputs with 3-state outputs)
logo
Texas Instruments
SN54365A TI1-SN54365A_15 Datasheet
1Mb / 27P
HEX BUS DRIVERS WITH 3 STATE OUTPUTS
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com