Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC375 Datasheet (PDF) - Renesas Technology Corp

HD74HC375 Datasheet PDF - Renesas Technology Corp
Part # HD74HC375
Download  HD74HC375 Download
File Size   97.06 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad. Bistable Latches

HD74HC375 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC375 Datasheet PDF - Renesas Technology Corp

Part # HD74HC375
Download  HD74HC375 Click to download

File Size   97.06 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad. Bistable Latches

HD74HC375 Datasheet (HTML) - Renesas Technology Corp


HD74HC375 Product details

Description

This latch is ideally suited for use as temporary storage for binary information between processing units and input/output or indicator units. Information present at a data (D) input is transferred to the Q output when the enable (G) is high and the Q output will follow the data input as long as the enable remains high. When the enable goes low, the information (that was present at the data input at the time the transition occurred) is retained at the Q output until the enable goes high.



Features

• High Speed Operation: tpd (Data to Q, Q) = 10 ns typ (CL = 50 pF)

• High Output Current: Fanout of 10 LSTTL Loads

• Wide Operating Voltage: VCC = 2 to 6 V

• Low Input Current: 1 µA max

• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)



 




Similar Part No. - HD74HC375

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC375 HITACHI-HD74HC375 Datasheet
49Kb / 8P
Quad. Bistable Latches
More results


Similar Description - HD74HC375

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5475 TI-SN5475 Datasheet
229Kb / 6P
4-BIT BISTABLE LATCHES
logo
Hitachi Semiconductor
HD74HC375 HITACHI-HD74HC375 Datasheet
49Kb / 8P
Quad. Bistable Latches
HD74HC75 HITACHI-HD74HC75 Datasheet
47Kb / 8P
Quad. Bistable Latches
HD74LS375 HITACHI-HD74LS375 Datasheet
66Kb / 6P
Quadruple Bistable Latches
HD74LS75 HITACHI-HD74LS75 Datasheet
66Kb / 6P
Quadruple Bistable Latches
logo
Texas Instruments
SN74100 TI-SN74100 Datasheet
127Kb / 3P
8-BIT BISTABLE LATCHES
logo
Renesas Technology Corp
HD74LS375 RENESAS-HD74LS375 Datasheet
68Kb / 6P
Quadruple Bistable Latches
HD74LS75 RENESAS-HD74LS75 Datasheet
86Kb / 6P
Quadruple Bistable Latches
HD74HC75 RENESAS-HD74HC75 Datasheet
103Kb / 8P
Quad. Bistable Latches
logo
Texas Instruments
SN5475 TI1-SN5475_12 Datasheet
565Kb / 8P
4-BIT BISTABLE LATCHES
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com