Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC377 Datasheet (PDF) - Renesas Technology Corp

HD74HC377 Datasheet PDF - Renesas Technology Corp
Part # HD74HC377
Download  HD74HC377 Download
File Size   99.38 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal D-type Flip-Flops (with Enable)

HD74HC377 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC377 Datasheet PDF - Renesas Technology Corp

Part # HD74HC377
Download  HD74HC377 Click to download

File Size   99.38 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal D-type Flip-Flops (with Enable)

HD74HC377 Datasheet (HTML) - Renesas Technology Corp


HD74HC377 Product details

Description

Information at the D inputs meeting the setup time requirements is transferred to the Q outputs on the positive-going edge of the clock pulse if the enable input Gis low. Clock triggering occurs at a particular voltage level and is not directly related to the transition time of the positive-going pulse.When the clock input is at either the high or low level, the D input signal has no effect at the output. The circuitsare designed to prevent false clocking by transitions at the G input.



Features

•  High Speed Operation: tpd= 13 ns typ (CL= 50 pF)

•  High Output Current: Fanout of 10 LSTTL Loads

•  Wide Operating Voltage: VCC= 2 to 6 V

•  Low Input Current: 1 µA max

•  Low Quiescent Supply Current: ICC(static) = 4 µA max (Ta = 25°C)

 




Similar Part No. - HD74HC377

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC377 HITACHI-HD74HC377 Datasheet
58Kb / 9P
Octal D-type Flip-Flops (with Enable)
More results


Similar Description - HD74HC377

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT377 TI-SN54ABT377 Datasheet
464Kb / 14P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN54HC377 TI-SN54HC377 Datasheet
425Kb / 13P
OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN54HCT377 TI-SN54HCT377 Datasheet
273Kb / 9P
OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN54LS377 TI-SN54LS377 Datasheet
180Kb / 16P
OCTAL, HEX, AND QUAD D-TYPE FLIP-FLOPS WITH ENABLE
logo
Hitachi Semiconductor
HD74HC377 HITACHI-HD74HC377 Datasheet
58Kb / 9P
Octal D-type Flip-Flops (with Enable)
logo
Texas Instruments
SN54HC377 TI-SN54HC377_06 Datasheet
419Kb / 14P
OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN54LS377 TI-SN54LS377_07 Datasheet
976Kb / 25P
OCTAL, HEX, AND QUAD D-TYPE FLIP-FLOPS WITH ENABLE
SN54HCT377 TI-SN54HCT377_08 Datasheet
446Kb / 11P
OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
logo
Unisonic Technologies
U74HC377 UTC-U74HC377 Datasheet
254Kb / 8P
OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
U74HC377 UTC-U74HC377_15 Datasheet
254Kb / 8P
OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com