Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC386 Datasheet (PDF) - Renesas Technology Corp

HD74HC386 Datasheet PDF - Renesas Technology Corp
Part # HD74HC386
Download  HD74HC386 Download
File Size   83.78 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad. 2-input Exclusive-OR Gates

HD74HC386 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC386 Datasheet PDF - Renesas Technology Corp

Part # HD74HC386
Download  HD74HC386 Click to download

File Size   83.78 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad. 2-input Exclusive-OR Gates

HD74HC386 Datasheet (HTML) - Renesas Technology Corp


HD74HC386 Product details

Features
• High Speed Operation: tpd = 11.5 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 1 µA max (Ta = 25°C)




Similar Part No. - HD74HC386

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC386 HITACHI-HD74HC386 Datasheet
39Kb / 7P
Quad. 2-input Exclusive-OR Gates
More results


Similar Description - HD74HC386

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5486 NSC-5486 Datasheet
99Kb / 6P
Quad 2-Input Exclusive-OR Gates
logo
Hitachi Semiconductor
HD74HC386 HITACHI-HD74HC386 Datasheet
39Kb / 7P
Quad. 2-input Exclusive-OR Gates
HD74HC86 HITACHI-HD74HC86 Datasheet
45Kb / 8P
Quad. 2-input Exclusive-OR Gates
HD74LV86A HITACHI-HD74LV86A Datasheet
54Kb / 12P
Quad. 2-input Exclusive-OR Gates
logo
National Semiconductor ...
DM54LS86 NSC-DM54LS86 Datasheet
112Kb / 6P
Quad 2-Input Exclusive-OR Gates
logo
Renesas Technology Corp
HD74LV86A RENESAS-HD74LV86A Datasheet
70Kb / 9P
Quad. 2-input Exclusive-OR Gates
HD74HC86 RENESAS-HD74HC86 Datasheet
91Kb / 7P
Quad. 2-input Exclusive-OR Gates
logo
Unisonic Technologies
U74HC86 UTC-U74HC86 Datasheet
174Kb / 5P
QUAD 2-INPUT EXCLUSIVE-OR GATES
logo
Renesas Technology Corp
HD74LV86A RENESAS-HD74LV86A_15 Datasheet
94Kb / 11P
Quad. 2-input Exclusive-OR Gates
logo
Unisonic Technologies
U74HC86 UTC-U74HC86_15 Datasheet
174Kb / 5P
QUAD 2-INPUT EXCLUSIVE-OR GATES
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com