Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC490 Datasheet (PDF) - Renesas Technology Corp

HD74HC490 Datasheet PDF - Renesas Technology Corp
Part # HD74HC490
Download  HD74HC490 Download
File Size   160.81 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 4-bit Decade Counters

HD74HC490 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC490 Datasheet PDF - Renesas Technology Corp

Part # HD74HC490
Download  HD74HC490 Click to download

File Size   160.81 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 4-bit Decade Counters

HD74HC490 Datasheet (HTML) - Renesas Technology Corp


HD74HC490 Product details

Description
This circuit contains eight master-slave flip-flops and additional gating to implement two individual 4-bit decade counters. Each decade counter has individual clock, clear and set-to-9 inputs. BCD count sequences of any length up to divide-by-100 may be implemented with a single HD74HC490. Buffering on each output is provided to ensure that suceptibility to collector communication is reduced significantly. The counters have paralle outputs from each counter state so that submultiples of the input count frequency are available for system timing signals.

Features
• High Speed Operation: tpd (Clock to QA) = 13 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC490

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC490 HITACHI-HD74HC490 Datasheet
44Kb / 8P
Dual 4-bit Decade Counters
More results


Similar Description - HD74HC490

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS160A MOTOROLA-SN54LS160A Datasheet
157Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
ON Semiconductor
SN54-74LS160A ONSEMI-SN54-74LS160A Datasheet
79Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Texas Instruments
SN54390 TI-SN54390 Datasheet
893Kb / 21P
DUAL 4-BIT DECADE AND BINARY COUNTERS
logo
Hitachi Semiconductor
HD74HC490 HITACHI-HD74HC490 Datasheet
44Kb / 8P
Dual 4-bit Decade Counters
logo
Texas Instruments
SN74LS68 TI-SN74LS68 Datasheet
426Kb / 7P
DUAL 4 BIT DECADE OR BINARY COUNTERS
logo
National Semiconductor ...
DM74ALS390 NSC-DM74ALS390 Datasheet
106Kb / 6P
Dual 4-Bit Decade Counters
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Texas Instruments
SN54LS490 TI-SN54LS490 Datasheet
141Kb / 8P
DUAL 4-BIT DECADE COUNTERS
SN54390 TI-SN54390_08 Datasheet
1Mb / 31P
DUAL 4-BIT DECADE AND BINARY COUNTERS
SN54390 TI1-SN54390_15 Datasheet
1Mb / 28P
DUAL 4-BIT DECADE AND BINARY COUNTERS
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com