Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CR02AM-8 Datasheet (PDF) - Renesas Technology Corp

CR02AM-8 Datasheet PDF - Renesas Technology Corp
Part # CR02AM-8
Download  CR02AM-8 Download
File Size   89.6 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Thyristor Low Power Use

CR02AM-8 Datasheet (PDF)

Go To PDF Page Download Datasheet
CR02AM-8 Datasheet PDF - Renesas Technology Corp

Part # CR02AM-8
Download  CR02AM-8 Click to download

File Size   89.6 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Thyristor Low Power Use

CR02AM-8 Datasheet (HTML) - Renesas Technology Corp


CR02AM-8 Product details

Features
• IT (AV) : 0.3 A
• VDRM : 400 V
• IGT : 100 µA
• Planar Passivation Type




Similar Part No. - CR02AM-8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CR02AM-8 MITSUBISHI-CR02AM-8 Datasheet
67Kb / 5P
LOW POWER USE GLASS PASSIVATION TYPE
logo
Renesas Technology Corp
CR02AM-8 RENESAS-CR02AM-8 Datasheet
103Kb / 8P
Thyristor Low Power Use
CR02AM-8-A6 RENESAS-CR02AM-8-A6 Datasheet
103Kb / 8P
Thyristor Low Power Use
CR02AM-8-TB RENESAS-CR02AM-8-TB Datasheet
103Kb / 8P
Thyristor Low Power Use
logo
Mitsubishi Electric Sem...
CR02AM-8A MITSUBISHI-CR02AM-8A Datasheet
67Kb / 5P
LOW POWER USE GLASS PASSIVATION TYPE
More results


Similar Description - CR02AM-8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR05AS-8 RENESAS-CR05AS-8 Datasheet
154Kb / 9P
Thyristor Low Power Use
CR03AM-12 RENESAS-CR03AM-12 Datasheet
89Kb / 8P
Thyristor Low Power Use
CR3PM-12 RENESAS-CR3PM-12_05 Datasheet
90Kb / 8P
Thyristor Low Power Use
CR05AM-16 RENESAS-CR05AM-16 Datasheet
121Kb / 8P
Thyristor Low Power Use
CR04AM-12A RENESAS-CR04AM-12A Datasheet
111Kb / 9P
Thyristor Low Power Use
CR08AS-12 RENESAS-CR08AS-12_10 Datasheet
245Kb / 9P
Thyristor Low Power Use
CR3PM-12G RENESAS-CR3PM-12G Datasheet
87Kb / 7P
Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8_15 Datasheet
134Kb / 9P
Thyristor Low Power Use
CR05BS-8 RENESAS-CR05BS-8_15 Datasheet
84Kb / 5P
Thyristor Low Power Use
CR3PM-12G RENESAS-CR3PM-12G_15 Datasheet
99Kb / 7P
Thyristor Low Power Use
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com