Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS30KM-3 Datasheet (PDF) - Renesas Technology Corp

FS30KM-3 Datasheet PDF - Renesas Technology Corp
Part # FS30KM-3
Download  FS30KM-3 Download
File Size   173.05 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Speed Switching Use Nch Power MOS FET

FS30KM-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
FS30KM-3 Datasheet PDF - Renesas Technology Corp

Part # FS30KM-3
Download  FS30KM-3 Click to download

File Size   173.05 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Speed Switching Use Nch Power MOS FET

FS30KM-3 Datasheet (HTML) - Renesas Technology Corp


FS30KM-3 Product details

Features
• Drive voltage : 10 V
• VDSS : 150 V
• rDS(ON) (max) : 92 mΩ
• ID : 30 A
• Integrated Fast Recovery Diode (TYP.) : 110 ns
• Viso : 2000 V




Similar Part No. - FS30KM-3

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS30KM-3 MITSUBISHI-FS30KM-3 Datasheet
42Kb / 4P
HIGH-SPEED SWITCHING USE
logo
Powerex Power Semicondu...
FS30KM-3 POWEREX-FS30KM-3 Datasheet
47Kb / 4P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Inchange Semiconductor ...
FS30KM-3 ISC-FS30KM-3 Datasheet
280Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - FS30KM-3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK4007DPP RENESAS-RJK4007DPP Datasheet
67Kb / 4P
Nch Power MOS FET High-Speed Switching Use
FS5AS-2 RENESAS-FS5AS-2 Datasheet
197Kb / 7P
High-Speed Switching Use Nch Power MOS FET
FS7VS-12A RENESAS-FS7VS-12A Datasheet
207Kb / 7P
High-Speed Switching Use Nch Power MOS FET
FS10ASJ-3 RENESAS-FS10ASJ-3 Datasheet
171Kb / 7P
High-Speed Switching Use Nch Power MOS FET
FS10VS-9A RENESAS-FS10VS-9A Datasheet
206Kb / 7P
High-Speed Switching Use Nch Power MOS FET
FS30ASJ-06F RENESAS-FS30ASJ-06F Datasheet
103Kb / 7P
High-Speed Switching Use Nch Power MOS FET
FS70KM-2 RENESAS-FS70KM-2 Datasheet
172Kb / 7P
High-Speed Switching Use Nch Power MOS FET
FS70KMJ-03F RENESAS-FS70KMJ-03F Datasheet
105Kb / 7P
High-Speed Switching Use Nch Power MOS FET
FS70VSJ-06F RENESAS-FS70VSJ-06F Datasheet
103Kb / 7P
High-Speed Switching Use Nch Power MOS FET
FS5ASJ-06F RENESAS-FS5ASJ-06F_15 Datasheet
124Kb / 9P
High-Speed Switching Use Nch Power MOS FET
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com