Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR12PM-14L Datasheet (PDF) - Renesas Technology Corp

BCR12PM-14L Datasheet PDF - Renesas Technology Corp
Part # BCR12PM-14L
Download  BCR12PM-14L Download
File Size   140.3 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triac Medium Power Use

BCR12PM-14L Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR12PM-14L Datasheet PDF - Renesas Technology Corp

Part # BCR12PM-14L
Download  BCR12PM-14L Click to download

File Size   140.3 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triac Medium Power Use

BCR12PM-14L Datasheet (HTML) - Renesas Technology Corp


BCR12PM-14L Product details

Triac Medium Power Use



Features

•  IT (RMS): 12 A

•  VDRM: 700 V

•  IFGTI, IRGTI, IRGTⅢ: 30 mA

•  Viso : 2000 V

•  Insulated Type

•  Planar Passivation Type

•  UL Recognized : Yellow Card No. E223904 File No. E80271




Similar Part No. - BCR12PM-14L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR12PM-14LA RENESAS-BCR12PM-14LA_15 Datasheet
102Kb / 8P
Triac Medium Power Use
BCR12PM-14LG RENESAS-BCR12PM-14LG Datasheet
130Kb / 8P
Triac Medium Power Use
logo
Inchange Semiconductor ...
BCR12PM-14LG ISC-BCR12PM-14LG Datasheet
172Kb / 1P
isc Thyristors
logo
Renesas Technology Corp
BCR12PM-14LG-A8 RENESAS-BCR12PM-14LG-A8 Datasheet
130Kb / 8P
Triac Medium Power Use
BCR12PM-14LG RENESAS-BCR12PM-14LG_15 Datasheet
109Kb / 8P
Triac Medium Power Use
More results


Similar Description - BCR12PM-14L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR10KM-12LC RENESAS-BCR10KM-12LC Datasheet
124Kb / 8P
Triac Medium Power Use
BCR10PM-12LG RENESAS-BCR10PM-12LG Datasheet
121Kb / 8P
Triac Medium Power Use
BCR12PM-12LG RENESAS-BCR12PM-12LG Datasheet
121Kb / 8P
Triac Medium Power Use
BCR12KM-12LA RENESAS-BCR12KM-12LA Datasheet
139Kb / 8P
Triac Medium Power Use
BCR12PM-12LC RENESAS-BCR12PM-12LC Datasheet
107Kb / 8P
Triac Medium Power Use
BCR8PM-12LE RENESAS-BCR8PM-12LE Datasheet
91Kb / 8P
Triac Medium Power Use
BCR8PM-14LG RENESAS-BCR8PM-14LG Datasheet
128Kb / 8P
Triac Medium Power Use
BCR8CM-12LA RENESAS-BCR8CM-12LA Datasheet
109Kb / 7P
Triac Medium Power Use
BCR8CS-12LA RENESAS-BCR8CS-12LA Datasheet
114Kb / 7P
Triac Medium Power Use
BCR5KM-12LA RENESAS-BCR5KM-12LA Datasheet
147Kb / 8P
Triac Medium Power Use
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com