Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6040 Datasheet (PDF) - Mospec Semiconductor

2N6040 Datasheet PDF - Mospec Semiconductor
Part # 2N6040
Download  2N6040 Download
File Size   199.38 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(10A,80W)

2N6040 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6040 Datasheet PDF - Mospec Semiconductor

Part # 2N6040
Download  2N6040 Click to download

File Size   199.38 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(10A,80W)

2N6040 Datasheet (HTML) - Mospec Semiconductor


2N6040 Product details

. . . designed for general–purpose amplifier and low–speed switching applications.

FEATURES:
• Collector–Emitter Sustaining Voltage -
   VCEO(sus) = 60 V (Min) – 2N6040, 2N6043
                      = 80 V (Min) – 2N6041, 2N6044
                      = 100 V (Min) – 2N6042, 2N6045
• Collector–Emitter Saturation Voltage
   VCE(sat) = 2.0 V (Max) @ IC = 4.0 A – 2N6040, 41, 2N6043, 44
                   = 2.0 V (Max) @ IC = 4.0 A – 2N6042, 2N6045
• Monolithic Construction with Built–In Base–Emitter Shunt Resistors




Similar Part No. - 2N6040

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6040 ONSEMI-2N6040 Datasheet
174Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS
April, 2002 ??Rev. 4
logo
Boca Semiconductor Corp...
2N6040 BOCA-2N6040 Datasheet
205Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Central Semiconductor C...
2N6040 CENTRAL-2N6040 Datasheet
71Kb / 1P
NPN SILICON TRANSISTOR
logo
ON Semiconductor
2N6040 ONSEMI-2N6040 Datasheet
114Kb / 8P
Plastic Medium-Power Complementary Silicon Transistors
April, 2002 ??Rev. 4
2N6040 ONSEMI-2N6040 Datasheet
94Kb / 6P
Plastic Medium?뭁ower Complementary Silicon Transistors
May, 2006 ??Rev. 7
More results


Similar Description - 2N6040

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6497 MOSPEC-2N6497 Datasheet
179Kb / 4P
POWER TRANSISTORS(5A,80W)
2SB688 MOSPEC-2SB688 Datasheet
114Kb / 3P
POWER TRANSISTORS(8A,120V,80W)
2SC1325A MOSPEC-2SC1325A Datasheet
112Kb / 3P
POWER TRANSISTORS(6.0A,1500V,80W)
2SC2625 MOSPEC-2SC2625 Datasheet
129Kb / 3P
POWER TRANSISTORS(10A,400V,80W)
2SD1426 MOSPEC-2SD1426 Datasheet
125Kb / 3P
POWER TRANSISTORS(3.5A,1500V,80W)
2SD718 MOSPEC-2SD718 Datasheet
118Kb / 3P
POWER TRANSISTORS(8A,120V,80W)
BUV28 MOSPEC-BUV28 Datasheet
111Kb / 3P
POWER TRANSISTORS(10A,200V,80W)
TIP140T MOSPEC-TIP140T Datasheet
204Kb / 4P
POWER TRANSISTORS(10A,60-100V,80W)
TIP33 MOSPEC-TIP33 Datasheet
144Kb / 3P
POWER TRANSISTORS(10A,40-100V,80W)
TIP33D MOSPEC-TIP33D Datasheet
144Kb / 3P
POWER TRANSISTORS(10A,120-160V,80W)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com