Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA16103FPJ Datasheet (PDF) - Renesas Technology Corp

HA16103FPJ Datasheet PDF - Renesas Technology Corp
Part # HA16103FPJ
Download  HA16103FPJ Download
File Size   364.14 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Watchdog Timer

HA16103FPJ Datasheet (PDF)

Go To PDF Page Download Datasheet
HA16103FPJ Datasheet PDF - Renesas Technology Corp

Part # HA16103FPJ
Download  HA16103FPJ Click to download

File Size   364.14 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Watchdog Timer

HA16103FPJ Datasheet (HTML) - Renesas Technology Corp


HA16103FPJ Product details

Description
The HA16103FPJ/FPK monolithic voltage control is designed for microcomputer systems. In addition to voltage regulator, it includes watch dog timer function, power on reset function, and output voltage monitor function.
It is suitable for battery use microcomputer systems.

Functions
• 5 V regulated power supply
• Power on reset pulse generator
• Watch dog timer
• Low voltage inhibit protection

Features
• Wide operational supply voltage range (VCC = 6 to 40 V)
• Various control signals are generated when microcomputer system runaway occurs.
   (NMI signal and STBY signal are generated by detecting voltage level,
   and RES signal is generated by monitoring the time after NMI signal is detected)
• Regulated voltage, NMI detecting voltage, STBY detecting voltage are adjustable.
• At low voltage and re-start, the delay time of RES signal is adjustable
• Watchdog timer filtering uses the minimum clock
   input pulse width and maximum cycle detection method




Similar Part No. - HA16103FPJ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16103FPJ HITACHI-HA16103FPJ Datasheet
106Kb / 21P
Watchdog Timer
More results


Similar Description - HA16103FPJ

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
WATCHDOG TIMER
logo
Toshiba Semiconductor
TA8030F TOSHIBA-TA8030F Datasheet
292Kb / 9P
WATCHDOG TIMER
TA8030S TOSHIBA-TA8030S Datasheet
267Kb / 9P
WATCHDOG TIMER
20-Jan-1998
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
Watchdog Timer
HA1835P HITACHI-HA1835P Datasheet
59Kb / 13P
Watchdog Timer
logo
Renesas Technology Corp
M5295AL RENESAS-M5295AL Datasheet
165Kb / 13P
Watchdog Timer
HA16117F RENESAS-HA16117F Datasheet
551Kb / 31P
CMOS Watchdog Timer
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
CMOS Watchdog Timer
logo
Axiomtek Co., Ltd.
EBOX622-831-FL AXIOMTEK-EBOX622-831-FL Datasheet
327Kb / 1P
Watchdog Timer
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
Watchdog Timer
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com