Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA16107P Datasheet (PDF) - Renesas Technology Corp

HA16107P Datasheet PDF - Renesas Technology Corp
Part # HA16107P
Download  HA16107P Download
File Size   454.2 Kbytes
Page   40 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PWM Switching Regulator for High-performance Voltage Mode Control

HA16107P Datasheet (PDF)

Go To PDF Page Download Datasheet
HA16107P Datasheet PDF - Renesas Technology Corp

Part # HA16107P
Download  HA16107P Click to download

File Size   454.2 Kbytes
Page   40 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PWM Switching Regulator for High-performance Voltage Mode Control

HA16107P Datasheet (HTML) - Renesas Technology Corp


HA16107P Product details

Description

The IC products in this series are primary control switchingregulator control IC’s appropriate for obtaining stabilized DC voltages from commercial AC power.



Features

•  Operating frequencies up to a high 600 kHz

•  Built-in pre-driver circuit for driving power MOS FET

•  Built-in timer latch over-current protection function (HA16107)

•  The OCL enables intermittent operation by an ON/OFF timer for prevention of secondary overcurrent. (HA16108)

•  The UVL function (under voltage lockout) is applied to both Vin and Vref.

•  ON/OFF reset: an auto-reset function which is based on the time constant of an external capacitor and observation of drops in Vin.

•  Since the over-voltage protection function OVP (the TL pin) only observes voltage drops in Vin, it is possible to use the OVP and ON/OFF pin for independent purposes.

•  Built-in 34 V Zener diode between Vin and ground.



Functions

•  6.45 V reference voltage

•  Triangle wave generator

•  Error amplifier

•  Under voltage lockout protector

•  PWM comparator

•  Pulse-by-pulse current limitting

•  Timer-latch current limitting (HA16107)

•  ON/OFF timer function (HA16108)

•  Soft start and quick shutdown

•  Output circuit for power MOS FET driving



 




Similar Part No. - HA16107P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16107P HITACHI-HA16107P Datasheet
170Kb / 38P
PWM Switching Regulator for High-performance Voltage Mode Control
HA16107P HITACHI-HA16107P Datasheet
361Kb / 16P
600kHz PWM Switching Regulator Controller
More results


Similar Description - HA16107P

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2378 NJRC-NJM2378 Datasheet
294Kb / 8P
PWM SWITCHING REGULATOR CONTROL IC FOR SLAVE TYPE
logo
Hitachi Semiconductor
HA16107P HITACHI-HA16107P Datasheet
170Kb / 38P
PWM Switching Regulator for High-performance Voltage Mode Control
logo
Semtech Corporation
SC4905A SEMTECH-SC4905A Datasheet
344Kb / 20P
HIGH PERFORMANCE VOLTAGE MODE PWM CONTROLLER
SC4905A SEMTECH-SC4905A_06 Datasheet
365Kb / 24P
High Performance Voltage Mode PWM Controller
logo
Sanken electric
STR2W152D SANKEN-STR2W152D Datasheet
188Kb / 9P
Current Mode Control PWM Regulator ICs For Switching Power Supplies
STR2W152D SANKEN-STR2W152D Datasheet
188Kb / 9P
Current Mode Control PWM Regulator ICs For Switching Power Supplies
logo
Semtech Corporation
SC4905A SEMTECH-SC4905A_16 Datasheet
369Kb / 24P
High Performance Voltage Mode PWM Controller
logo
Seiko Instruments Inc
S-8333CAAA-I8T1U SII-S-8333CAAA-I8T1U Datasheet
2Mb / 44P
PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
Allegro MicroSystems
STR-A60XXM ALLEGRO-STR-A60XXM Datasheet
403Kb / 14P
Current Mode Control PWM Regulator IC For Switching Power Supplies
logo
List of Unclassifed Man...
THX208 ETC2-THX208 Datasheet
804Kb / 22P
High-performance current - mode PWM regulator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com