Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA16120FPJ Datasheet (PDF) - Renesas Technology Corp

HA16120FPJ Datasheet PDF - Renesas Technology Corp
Part # HA16120FPJ
Download  HA16120FPJ Download
File Size   499.54 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Switching Regulator for Chopper Type DC/DC Converter

HA16120FPJ Datasheet (PDF)

Go To PDF Page Download Datasheet
HA16120FPJ Datasheet PDF - Renesas Technology Corp

Part # HA16120FPJ
Download  HA16120FPJ Click to download

File Size   499.54 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Switching Regulator for Chopper Type DC/DC Converter

HA16120FPJ Datasheet (HTML) - Renesas Technology Corp


HA16120FPJ Product details

Description
The HA16114P/FP/FPJ and HA16120FP/FPJ are single-channel PWM switching regulator controller ICs suitable for chopper-type DC/DC converters. Integrated totem-pole output circuits enable these ICs to drive the gate of a power MOSFET directly. The output logic of the HA16120 is designed to control a DC/DC step-up (boost) converter using an N-channel power MOS FET. The output logic of the HA16114 is designed to control a DC/DC step-down (buck) converter or inverting converter using a P-channel power MOS FET.

Features
•  Wide supply voltage range: 3.9 V to 40 V*
•  Maximum operating frequency: 600 kHz
•  Able to drive a power MOS FET (±1 A maximum peak current) by the built-in totem-pole gate predriver circuit
•  Can operate in synchronization with an external pulse signal, or with another controller IC
•  Pulse-by-pulse overcurrent limiting (OCL)
•  Intermittent operation under continuous overcurrent
•  Low quiescent current drain when shut off by grounding the ON/OFF pin
    HA16114: IOFF = 10 µA (max)
    HA16120: IOFF = 150 µA (max)
•  Externally trimmable reference voltage (Vref): ±0.2 V
•  Externally adjustable undervoltage lockout points (with respect to VIN)
•  Stable oscillator frequency
•  Soft start and quick shut function
Note: The reference voltage 2.5 V is under the condition of VIN ≥4.5 V.

Functions
•  2.5 V voltage reference
•  Sawtooth oscillator (Triangle wave)
•  Overcurrent detection
•  External synchronous input
•  Totem-pole output
•  Undervoltage lockout (UVL)
•  Error amplifier
•  Vref overvoltage protection (OVP)




Similar Part No. - HA16120FPJ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16120FPJ HITACHI-HA16120FPJ Datasheet
275Kb / 38P
Switching Regulator for Chopper Type DC/DC Converter
More results


Similar Description - HA16120FPJ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16114P HITACHI-HA16114P Datasheet
275Kb / 38P
Switching Regulator for Chopper Type DC/DC Converter
HA16116FP HITACHI-HA16116FP Datasheet
250Kb / 34P
Switching Regulator for Chopper Type DC/DC Converter
logo
Toshiba Semiconductor
2SK4023 TOSHIBA-2SK4023 Datasheet
215Kb / 6P
Switching Regulator, DC/DC Converter
logo
Renesas Technology Corp
HA16116FP RENESAS-HA16116FP Datasheet
439Kb / 34P
Switching Regulator for Chopper Type DC/DC Converter
logo
Toshiba Semiconductor
2SK2266 TOSHIBA-2SK2266_09 Datasheet
441Kb / 6P
Chopper Regulator, DC- DC Converter and Motor Drive
2SK2311 TOSHIBA-2SK2311_09 Datasheet
433Kb / 6P
Chopper Regulator, DC−DC Converter and Switching Regulator Applications
2SK2884 TOSHIBA-2SK2884_09 Datasheet
433Kb / 6P
Chopper Regulator, DC−DC Converter Applications
2SK4003 TOSHIBA-2SK4003_09 Datasheet
145Kb / 3P
Chopper Regulator, DC-DC Converter and Motor Drive
2SK2998 TOSHIBA-2SK2998_10 Datasheet
382Kb / 6P
Chopper Regulator, DC−DC Converter Applications
2SK4023 TOSHIBA-2SK4023_09 Datasheet
188Kb / 6P
Switching Regulator, DC/DC Converter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com