Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW10NB60 Datasheet (PDF) - STMicroelectronics

STW10NB60 Datasheet PDF - STMicroelectronics
Part # STW10NB60
Download  STW10NB60 Download
File Size   93.93 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 600V - 0.69ohm - 10A - TO-247 PowerMESH MOSFET

STW10NB60 Datasheet (PDF)

Go To PDF Page Download Datasheet
STW10NB60 Datasheet PDF - STMicroelectronics

Part # STW10NB60
Download  STW10NB60 Click to download

File Size   93.93 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 600V - 0.69ohm - 10A - TO-247 PowerMESH MOSFET

STW10NB60 Datasheet (HTML) - STMicroelectronics


STW10NB60 Product details

DESCRIPTION
Using the latest high voltage MESH OVERLAY™ process, STMicroelectronics has designed an advanced family of power MOSFETs with outstanding performances. The new patent pending strip layout coupled with the Company’s proprietary edge termination structure, gives the lowest RDS(on) per area, exceptional avalanche and dv/dt capabilities and unrivalled gate charge and switching characteristics.

■ TYPICAL RDS(on) = 0.69 Ω
■ EXTREMELY HIGH dv/dt CAPABILITY
■ 100% AVALANCHE TESTED
■ VERY LOW INTRINSIC CAPACITANCES
■ GATE CHARGE MINIMIZED

APPLICATIONS
■ SWITCH MODE POWER SUPPLIES (SMPS)
■ DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVE
■ HIGH CURRENT, HIGH SPEED SWITCHING




Similar Part No. - STW10NB60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW10NB60 ISC-STW10NB60 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - STW10NB60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW12NB60H STMICROELECTRONICS-STGW12NB60H Datasheet
86Kb / 8P
N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW12NB60HD STMICROELECTRONICS-STGW12NB60HD Datasheet
90Kb / 8P
N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW20NB60H STMICROELECTRONICS-STGW20NB60H Datasheet
85Kb / 8P
N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW20NB60HD STMICROELECTRONICS-STGW20NB60HD Datasheet
90Kb / 8P
N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW30NB60H STMICROELECTRONICS-STGW30NB60H Datasheet
86Kb / 8P
N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW30NB60HD STMICROELECTRONICS-STGW30NB60HD Datasheet
91Kb / 8P
N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
Jul-1999
STW10NC60 STMICROELECTRONICS-STW10NC60 Datasheet
337Kb / 9P
N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?줚I MOSFET
Feb-2002
STW12NB60 STMICROELECTRONICS-STW12NB60 Datasheet
250Kb / 8P
N-CHANNEL 600V - 0.5ohm - 12A TO-247 PowerMesh?줚I MOSFET
May-2001
STW13NB60 STMICROELECTRONICS-STW13NB60 Datasheet
111Kb / 9P
N - CHANNEL 600V - 0.48ohm - 13A - TO-247/ISOWATT218 PowerMESH MOSFET
Jan-2000
STW16NB60 STMICROELECTRONICS-STW16NB60 Datasheet
252Kb / 8P
N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMesh™ MOSFET
Apr-2003
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com