Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB304M Datasheet (PDF) - Renesas Technology Corp

BB304M Datasheet PDF - Renesas Technology Corp
Part # BB304M
Download  BB304M Download
File Size   301.75 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Built in Biasing Circuit MOS FET IC VHF RF Amplifier

BB304M Datasheet (PDF)

Go To PDF Page Download Datasheet
BB304M Datasheet PDF - Renesas Technology Corp

Part # BB304M
Download  BB304M Click to download

File Size   301.75 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Built in Biasing Circuit MOS FET IC VHF RF Amplifier

BB304M Datasheet (HTML) - Renesas Technology Corp


BB304M Product details

Features
• Built in Biasing Circuit; To reduce using parts cost & PC board space.
• High gain;
   (PG = 29 dB typ. at f = 200 MHz)
• Low noise characteristics;
   (NF = 1.2 dB typ. at f = 200 MHz)
• Wide supply voltage range;
   Applicable with 5V to 9V supply voltage.
• Withstanding to ESD;
   Built in ESD absorbing diode. Withstand up to 200V at C=200pF, Rs=0 conditions.
   Provide mini mold packages; MPAK-4(SOT-143Rmod)




Similar Part No. - BB304M

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB304M HITACHI-BB304M Datasheet
68Kb / 12P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
More results


Similar Description - BB304M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TBB1010 RENESAS-TBB1010_06 Datasheet
93Kb / 8P
Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1016 RENESAS-TBB1016 Datasheet
104Kb / 10P
Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
BB301C RENESAS-BB301C Datasheet
271Kb / 8P
Built in Biasing Circuit MOS FET IC VHF RF Amplifier
BB301M RENESAS-BB301M Datasheet
181Kb / 8P
Built in Biasing Circuit MOS FET IC VHF RF Amplifier
BB302M RENESAS-BB302M Datasheet
295Kb / 10P
Built in Biasing Circuit MOS FET IC VHF RF Amplifier
BB304C RENESAS-BB304C Datasheet
217Kb / 10P
Built in Biasing Circuit MOS FET IC VHF RF Amplifier
BB305C RENESAS-BB305C Datasheet
213Kb / 10P
Built in Biasing Circuit MOS FET IC VHF RF Amplifier
TBB1010 RENESAS-TBB1010_11 Datasheet
120Kb / 8P
Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1016 RENESAS-TBB1016_11 Datasheet
121Kb / 10P
Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1016 RENESAS-TBB1016_15 Datasheet
182Kb / 11P
Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com