Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB501C Datasheet (PDF) - Renesas Technology Corp

BB501C Datasheet PDF - Renesas Technology Corp
Part # BB501C
Download  BB501C Download
File Size   198.46 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Built in Biasing Circuit MOS FET IC UHF RF Amplifier

BB501C Datasheet (PDF)

Go To PDF Page Download Datasheet
BB501C Datasheet PDF - Renesas Technology Corp

Part # BB501C
Download  BB501C Click to download

File Size   198.46 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Built in Biasing Circuit MOS FET IC UHF RF Amplifier

BB501C Datasheet (HTML) - Renesas Technology Corp


BB501C Product details

Features
• Built in Biasing Circuit; To reduce using parts cost & PC board space.
• High gain; PG = 21.5 dB typ. at f = 900 MHz
• Low noise; NF = 1.85 dB typ. at f = 900 MHz
• Withstanding to ESD; Built in ESD absorbing diode. Withstand up to 200V at C=200pF, Rs=0 conditions.
• Provide mini mold packages; CMPAK-4(SOT-343mod)




Similar Part No. - BB501C

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB501C HITACHI-BB501C Datasheet
71Kb / 13P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
More results


Similar Description - BB501C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BB506C RENESAS-BB506C Datasheet
111Kb / 9P
Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB101C RENESAS-BB101C Datasheet
273Kb / 8P
Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB101M RENESAS-BB101M Datasheet
274Kb / 8P
Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB501M RENESAS-BB501M Datasheet
300Kb / 11P
Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB502C RENESAS-BB502C Datasheet
118Kb / 11P
Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB502M RENESAS-BB502M Datasheet
216Kb / 11P
Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB503M RENESAS-BB503M Datasheet
300Kb / 11P
Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB506M RENESAS-BB506M Datasheet
129Kb / 9P
Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB502M RENESAS-BB502M_11 Datasheet
138Kb / 11P
Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB506C RENESAS-BB506C_15 Datasheet
185Kb / 10P
Built in Biasing Circuit MOS FET IC UHF RF Amplifier
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com