Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB505M Datasheet (PDF) - Renesas Technology Corp

BB505M Datasheet PDF - Renesas Technology Corp
Part # BB505M
Download  BB505M Download
File Size   187.96 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Build in Biasing Circuit MOS FET IC UHF RF Amplifier

BB505M Datasheet (PDF)

Go To PDF Page Download Datasheet
BB505M Datasheet PDF - Renesas Technology Corp

Part # BB505M
Download  BB505M Click to download

File Size   187.96 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Build in Biasing Circuit MOS FET IC UHF RF Amplifier

BB505M Datasheet (HTML) - Renesas Technology Corp


BB505M Product details

Features
• Build in Biasing Circuit; To reduce using parts cost & PC board space.
• Low noise; NF = 1.5 dB typ. at f = 900 MHz
• High gain; PG = 24 dB typ. at f = 900 MHz
• Withstanding to ESD; Build in ESD absorbing diode. Withstand up to 190 V at C = 200 pF, Rs = 0 conditions.
• Provide mini mold packages; MPAK-4 (SOT-143mod)




Similar Part No. - BB505M

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BB505B SIEMENS-BB505B Datasheet
48Kb / 3P
Silicon Variable Capacitance Diodes
logo
Renesas Technology Corp
BB505C RENESAS-BB505C Datasheet
111Kb / 9P
Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB505CES RENESAS-BB505CES Datasheet
111Kb / 9P
Build in Biasing Circuit MOS FET IC UHF RF Amplifier
logo
Siemens Semiconductor G...
BB505G SIEMENS-BB505G Datasheet
48Kb / 3P
Silicon Variable Capacitance Diodes
More results


Similar Description - BB505M

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB101C HITACHI-BB101C Datasheet
48Kb / 11P
Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB101M HITACHI-BB101M Datasheet
48Kb / 11P
Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB102C HITACHI-BB102C Datasheet
62Kb / 11P
Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB102M HITACHI-BB102M Datasheet
64Kb / 11P
Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB301C HITACHI-BB301C Datasheet
46Kb / 10P
Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB301M HITACHI-BB301M Datasheet
46Kb / 10P
Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB302C HITACHI-BB302C Datasheet
58Kb / 11P
Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB302M HITACHI-BB302M Datasheet
61Kb / 11P
Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB304C HITACHI-BB304C Datasheet
67Kb / 12P
Build in Biasing Circuit MOS FET IC UHF RF Amplifier
logo
Renesas Technology Corp
BB505C RENESAS-BB505C Datasheet
111Kb / 9P
Build in Biasing Circuit MOS FET IC UHF RF Amplifier
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com