Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA16121FP Datasheet (PDF) - Renesas Technology Corp

HA16121FP Datasheet PDF - Renesas Technology Corp
Part # HA16121FP
Download  HA16121FP Download
File Size   439.02 Kbytes
Page   34 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Switching Regulator for Chopper Type DC/DC Converter

HA16121FP Datasheet (PDF)

Go To PDF Page Download Datasheet
HA16121FP Datasheet PDF - Renesas Technology Corp

Part # HA16121FP
Download  HA16121FP Click to download

File Size   439.02 Kbytes
Page   34 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Switching Regulator for Chopper Type DC/DC Converter

HA16121FP Datasheet (HTML) - Renesas Technology Corp


HA16121FP Product details

Description

HA16116FP/FPJ and HA16121FP/FPJ are dual-channel PWM switching regulator controller ICs for use in

chopper-type DC/DC converters.

This IC series incorporates totem pole gate drive circuits to allow direct driving of a power MOS FET. The output logic is preset for booster, step-down, or inverting control in a DC/DC converter. This logic assumes use of an N-channel power MOS FET for booster control, and a P-channel power MOS FET for step-down or inverting control.



Features

•  Wide operating supply voltage range* (3.9 V to 40.0 V)

•  Wide operating frequency range (600 kHz maximum operation)

•  Direct power MOS FET driving (output current ±1 A peak in maximum rating)

•  Pulse-by-pulse overcurrent protection circuit with intermittent operation function (When overcurrent state continues beyond time set in timer, the IC operates intermittently to prevent excessive output current.)

•  Grounding the ON/OFFpin turns the IC off, saving power dissipation. (HA16116: IOFF = 10 µA max.; HA16121: IOFF = 150 µA max.)

•  Built-in UVL circuit (UVL voltage can be varied with external resistance.)

•  Built-in soft start and quick shutoff functions

Note: The reference voltage 2.5 V is under the condition of VIN ≥4.5 V.



Functions

•  2.5 V reference voltage (Vref) regulator

•  Triangle wave form oscillator

•  Dual overcurrent detector

•  Dual totem pole output driver

•  UVL (under voltage lock out) system

•  Dual error amplifier

•  Vref overvoltage detector

•  Dual PWM comparator




Similar Part No. - HA16121FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16121FP HITACHI-HA16121FP Datasheet
250Kb / 34P
Switching Regulator for Chopper Type DC/DC Converter
HA16121FPJ HITACHI-HA16121FPJ Datasheet
250Kb / 34P
Switching Regulator for Chopper Type DC/DC Converter
More results


Similar Description - HA16121FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16114P HITACHI-HA16114P Datasheet
275Kb / 38P
Switching Regulator for Chopper Type DC/DC Converter
HA16116FP HITACHI-HA16116FP Datasheet
250Kb / 34P
Switching Regulator for Chopper Type DC/DC Converter
logo
Toshiba Semiconductor
2SK4023 TOSHIBA-2SK4023 Datasheet
215Kb / 6P
Switching Regulator, DC/DC Converter
logo
Renesas Technology Corp
HA16114P RENESAS-HA16114P Datasheet
499Kb / 38P
Switching Regulator for Chopper Type DC/DC Converter
logo
Toshiba Semiconductor
2SK2266 TOSHIBA-2SK2266_09 Datasheet
441Kb / 6P
Chopper Regulator, DC- DC Converter and Motor Drive
2SK2311 TOSHIBA-2SK2311_09 Datasheet
433Kb / 6P
Chopper Regulator, DC−DC Converter and Switching Regulator Applications
2SK2884 TOSHIBA-2SK2884_09 Datasheet
433Kb / 6P
Chopper Regulator, DC−DC Converter Applications
2SK4003 TOSHIBA-2SK4003_09 Datasheet
145Kb / 3P
Chopper Regulator, DC-DC Converter and Motor Drive
2SK2998 TOSHIBA-2SK2998_10 Datasheet
382Kb / 6P
Chopper Regulator, DC−DC Converter Applications
2SK4023 TOSHIBA-2SK4023_09 Datasheet
188Kb / 6P
Switching Regulator, DC/DC Converter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com