Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17358B Datasheet (PDF) - Renesas Technology Corp

HA17358B Datasheet PDF - Renesas Technology Corp
Part # HA17358B
Download  HA17358B Download
File Size   106.63 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Operational Amplifier

HA17358B Datasheet (PDF)

Go To PDF Page Download Datasheet
HA17358B Datasheet PDF - Renesas Technology Corp

Part # HA17358B
Download  HA17358B Click to download

File Size   106.63 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Operational Amplifier

HA17358B Datasheet (HTML) - Renesas Technology Corp


HA17358B Product details

Description

HA17358B is dual operational amplifiers that provide high gain and internal phase compensation, with single power supply. Operation from split power supply is also possible and the low power supply current drain is independent of the magnitude of the power supply voltages. They can be widely applied to control equipment and to general use.



Features

•  Wide range of supply voltage

    Single supply: 3 V to 36 V, Dual supplies: ±1.5 V to ±18 V

•  Wide range of common mode voltage, and possible to operate with an input about 0 V, and output around 0 V is available.

•  Internally frequency compensated for unity gain.

•  Common mode input voltage range includes ground.

•  Package outline available in Pb free lead frame:

   DP-8

   SOP-8 (JEITA)

   SOP-8 (JEDEC)



Applications

•  Battery charger

•  Cordless telephone

•  Switching power supply




Similar Part No. - HA17358B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17358 HITACHI-HA17358 Datasheet
36Kb / 6P
Dual Operational Amplifier
HA17358 HITACHI-HA17358 Datasheet
63Kb / 10P
Dual Operational Amplifier
logo
List of Unclassifed Man...
HA17358 ETC2-HA17358 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Hitachi Semiconductor
HA17358A HITACHI-HA17358A Datasheet
63Kb / 10P
Dual Operational Amplifier
logo
Renesas Technology Corp
HA17358A RENESAS-HA17358A Datasheet
102Kb / 8P
Dual Operational Amplifier
More results


Similar Description - HA17358B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
Dual operational amplifier
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
Dual Operational Amplifier
logo
Integral Corp.
IL4580 INTEGRAL-IL4580 Datasheet
609Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA17904 RENESAS-HA17904 Datasheet
199Kb / 8P
Dual Operational Amplifier
HA17458 RENESAS-HA17458 Datasheet
99Kb / 9P
Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL4580 IKSEMICON-IL4580 Datasheet
610Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGSC4558 SECOS-SGSC4558 Datasheet
528Kb / 4P
Dual Operational Amplifier
logo
New Japan Radio
NJM4560E NJRC-NJM4560E Datasheet
203Kb / 5P
DUAL OPERATIONAL AMPLIFIER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com