Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17384HRP Datasheet (PDF) - Renesas Technology Corp

HA17384HRP Datasheet PDF - Renesas Technology Corp
Part # HA17384HRP
Download  HA17384HRP Download
File Size   477.31 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Speed Current Mode PWM Control IC for Switching Power Supply

HA17384HRP Datasheet (PDF)

Go To PDF Page Download Datasheet
HA17384HRP Datasheet PDF - Renesas Technology Corp

Part # HA17384HRP
Download  HA17384HRP Click to download

File Size   477.31 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Speed Current Mode PWM Control IC for Switching Power Supply

HA17384HRP Datasheet (HTML) - Renesas Technology Corp


HA17384HRP Product details

Description

The HA17384S/H and HA17385H are PWM control switching regulator IC series suitable for highspeed, current-mode switching power supplies. With ICs from this series and a few external parts, a small, low cost flyback-transformer switching power supply can be constructed, which facilitates good line regulation by current mode control. Synchronous operation driven after an external signal can also be easily obtained which offers various applications such as a power supply for monitors small multi-output power supply.



Features

•  High-safety UVL circuit is used (Both VIN and Vref are monitored)

•  High speed operation:

⎯ Current detection response time: 100 ns Typ

⎯ Maximum oscillation frequency: 500 kHz

•  Low standby current: 170 µA Typ

•  Wide range dead band time (Discharge current of timing capacitance is constant 8.4 mA Typ)

•  Able to drive power MOSFET directly (Absolute maximum rating of output current is ±1 A peak)

•  OVP function (over voltage protection) is included *1 (Output stops when FB terminal voltage is 7.0 V Typ or higher)

•  TSD function (thermal shut-down protection) is included *1

(Output stops when the temperature is 160°C Typ or higher)

•  Zener protection is included (Clamp voltage between VIN and GND is 34 V Typ)

•  Wide operating temperature range:

⎯ Operating temperature: –20°C to +105°C

⎯ Junction temperature: 150°C *2

Notes: 1.  H series only.

         2.  S series only.



Functions

•  Under-voltage lockout system

•  Reference voltage regulator of 5.0 V ± 2%

•  Triangular wave (sawtooth) oscillator

•  Error amplifier

•  Totem pole output driver circuit (direct driving for power MOS FETs)

•  Current-detection comparator circuit for current mode

•  OVP function (over voltage protection) *1

•  TSD function (thermal shut-down protection) *1

•  Protect function by zener diode (between power input and GND)

   Note: 1. H series only.




Similar Part No. - HA17384HRP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17384HRP HITACHI-HA17384HRP Datasheet
145Kb / 31P
High Speed Current Mode PWM Control IC for Switching Power Supply
More results


Similar Description - HA17384HRP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2018A STMICROELECTRONICS-TEA2018A Datasheet
77Kb / 7P
CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT
May-1993
TEA2019 STMICROELECTRONICS-TEA2019 Datasheet
80Kb / 7P
CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT
07-Jan-591
logo
Hitachi Semiconductor
HA17384SPS HITACHI-HA17384SPS Datasheet
145Kb / 31P
High Speed Current Mode PWM Control IC for Switching Power Supply
logo
Fuji Electric
FA3647 FUJI-FA3647 Datasheet
406Kb / 21P
PWM control IC with light load power saving function For Switching Power Supply Control
logo
Hitachi Semiconductor
HA17384 HITACHI-HA17384 Datasheet
144Kb / 31P
High Speed Current Mode PWM Control IC for Switching Power Supply
logo
Renesas Technology Corp
HA16150T RENESAS-HA16150T Datasheet
297Kb / 25P
High-Speed Current Mode Push-Pull PWM Control IC
logo
Leshan Radio Company
LR5920 LRC-LR5920 Datasheet
638Kb / 12P
High Performance Current Mode PWM Switching Power Supply Controller
logo
Allegro MicroSystems
STR-A60XXM ALLEGRO-STR-A60XXM Datasheet
403Kb / 14P
Current Mode Control PWM Regulator IC For Switching Power Supplies
logo
Shaanxi Reactor Micro...
RM6203 REACTOR-RM6203 Datasheet
313Kb / 7P
High Performance Current Mode PWM Switching Power Supply controller
logo
List of Unclassifed Man...
SW2604 ETC2-SW2604 Datasheet
343Kb / 6P
High performance current mode PWM switching power supply controller
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com